Electronic Components Datasheet Search
  English  ▼

X  

PDTC123J Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PDTC123J
Description  50 V, 100 mA NPN resistor-equipped transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC123J Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PDTC123J Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC123J Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC123J Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC123J Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC123J Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC123J Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC123J Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC123J Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC123J Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Nexperia
PDTC143X/123J/143Z/114Y/124XQB-Q
series
50 V, 100 mA NPN resistor-equipped transistors
5. Pinning information
Table 3. Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
I
input (base)
2
GND
GND (emitter)
3
O
output (collector)
1
2
3
Transparent top view
aaa-019964
O
GND
I
R1
R2
6. Ordering information
Table 4. Ordering information
Package
Type number
Name
Description
Version
PDTC143XQB-Q
PDTC123JQB-Q
PDTC143ZQB-Q
PDTC114YQB-Q
PDTC124XQB-Q
DFN1110D-3
plastic leadless extremely thin small outline package
with side-wettable flanks (SWF); 3 terminals; 0.65
mm pitch; body: 1.1 x 1.0 x 0.48 mm
SOT8015
7. Marking
Table 5. Marking
Type number
Marking code
PDTC143XQB-Q
E7
PDTC123JQB-Q
E3
PDTC143ZQB-Q
E8
PDTC114YQB-Q
E2
PDTC124XQB-Q
E5
PDTC143X_TO_124XQB-Q_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 1 October 2021
2 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com