Electronic Components Datasheet Search
  English  ▼

X  

PCF85263A Datasheet(PDF) 96 Page - NXP Semiconductors

Part # PCF85263A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263A Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button PCF85263A Datasheet HTML 92Page - NXP Semiconductors PCF85263A Datasheet HTML 93Page - NXP Semiconductors PCF85263A Datasheet HTML 94Page - NXP Semiconductors PCF85263A Datasheet HTML 95Page - NXP Semiconductors PCF85263A Datasheet HTML 96Page - NXP Semiconductors PCF85263A Datasheet HTML 97Page - NXP Semiconductors PCF85263A Datasheet HTML 98Page - NXP Semiconductors PCF85263A Datasheet HTML 99Page - NXP Semiconductors PCF85263A Datasheet HTML 100Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
96 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
29. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . .2
Table 2.
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 3.
Marking codes . . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 4.
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . .6
Table 5.
RTC mode time registers . . . . . . . . . . . . . . . . . .9
Table 6.
Stop-watch mode time registers . . . . . . . . . . . 11
Table 7.
Control and function registers overview . . . . . .13
Table 8.
Time and date registers in RTC mode
(RTCM = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . .14
Table 9.
BCD coding . . . . . . . . . . . . . . . . . . . . . . . . . . .15
Table 10. Weekday assignments . . . . . . . . . . . . . . . . . . .16
Table 11. Month assignments in BCD format . . . . . . . . . .16
Table 12. Time registers in stop-watch mode
(RTCM = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . .18
Table 13. Alarm1 and alarm2 registers in RTC mode
coded in BCD (RTCM = 0) . . . . . . . . . . . . . . . .20
Table 14. Alarm_enables- alarm enable control register
(address 10h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
Table 15. Alarm1 and alarm2 registers in stop-watch mode
coded in BCD (RTCM = 1) . . . . . . . . . . . . . . . .23
Table 16. Alarm_enables- alarm enable control register
(address 10h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Table 17. WatchDog - WatchDog control and register
(address 2Dh) bit description . . . . . . . . . . . . . .26
Table 18. WatchDog durations . . . . . . . . . . . . . . . . . . . . .26
Table 19. RAM_byte - 8-bit RAM register (address 2Ch)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .28
Table 20. TSR_mode - timestamp mode control register
(address 23h) bit description . . . . . . . . . . . . . .30
Table 21. Timestamp registers in RTC mode
(RTCM = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
Table 22. Timestamp registers in stop-watch mode
(RTCM = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
Table 23. Offset - offset register (address 24h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
Table 24. OFFM bit - oscillator control register
(address 25h) . . . . . . . . . . . . . . . . . . . . . . . . . .34
Table 25. Offset values . . . . . . . . . . . . . . . . . . . . . . . . . .34
Table 26. Correction pulses for OFFM = 0 . . . . . . . . . . . .35
Table 27. Correction pulses for OFFM = 1 . . . . . . . . . . . .36
Table 28. INTA and INTB interrupt control bits . . . . . . . . .39
Table 29. Definition of interrupt control bits . . . . . . . . . . .39
Table 30. Oscillator - oscillator control register
(address 25h) bit description . . . . . . . . . . . . . .42
Table 31. CLKIV bit - oscillator control register
(address 25h) . . . . . . . . . . . . . . . . . . . . . . . . . .42
Table 32. 12_24 bit - oscillator control register
(address 25h) . . . . . . . . . . . . . . . . . . . . . . . . . .42
Table 33. LOWJ bit - oscillator control register
(address 25h) . . . . . . . . . . . . . . . . . . . . . . . . . .42
Table 34. OSCD[1:0] bits - oscillator control register
(address 25h) . . . . . . . . . . . . . . . . . . . . . . . . . .43
Table 35. CL[1:0] bits - oscillator control register
(address 25h) . . . . . . . . . . . . . . . . . . . . . . . . . .43
Table 36. IO pin behavior in battery mode. . . . . . . . . . . . 44
Table 37. Battery_switch - battery switch control
(address 26h) bit description . . . . . . . . . . . . . . 44
Table 38. BSOFF bit - battery switch control (address 26h)
bit description. . . . . . . . . . . . . . . . . . . . . . . . . . 44
Table 39. BSRR bit - battery switch control (address 26h)
bit description. . . . . . . . . . . . . . . . . . . . . . . . . . 45
Table 40. BSM[1:0] bits - battery switch control (address
26h) bit description. . . . . . . . . . . . . . . . . . . . . . 45
Table 41. Battery switch-over modes. . . . . . . . . . . . . . . . 45
Table 42. BSTH - battery switch control (address 26h)
bit description. . . . . . . . . . . . . . . . . . . . . . . . . . 49
Table 43. Pin_IO- pin input output control register
(address 27h) bit description . . . . . . . . . . . . . . 50
Table 44. CLKPM bit - Pin_IO control register
(address 27h). . . . . . . . . . . . . . . . . . . . . . . . . . 50
Table 45. TSPULL bit - Pin_IO control register
(address 27h). . . . . . . . . . . . . . . . . . . . . . . . . . 50
Table 46. TSL bit - Pin_IO control register
(address 27h). . . . . . . . . . . . . . . . . . . . . . . . . . 51
Table 47. TSPM[1:0] bits - Pin_IO control register
(address 27h). . . . . . . . . . . . . . . . . . . . . . . . . . 51
Table 48. TSIM bit - Pin_IO control register
(address 27h). . . . . . . . . . . . . . . . . . . . . . . . . . 52
Table 49. INTAPM[1:0] bits - Pin_IO control register
(address 27h). . . . . . . . . . . . . . . . . . . . . . . . . . 52
Table 50. INTA battery mode . . . . . . . . . . . . . . . . . . . . . . 53
Table 51. Function - chip function control register
(address 28h) bit description . . . . . . . . . . . . . . 54
Table 52. 100TH bit - Function control register
(address 28h). . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 53. PI[1:0] bits - Function control register
(address 28h). . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 54. RTCM bit - Function control register
(address 28h). . . . . . . . . . . . . . . . . . . . . . . . . . 55
Table 55. RTC time counting modes . . . . . . . . . . . . . . . . 55
Table 56. STOPM bit - Function control register
(address 28h). . . . . . . . . . . . . . . . . . . . . . . . . . 55
Table 57. Oscillator stop control when STOPM = 1 . . . . . 55
Table 58. COF[2:0] bits - Function control register
(address 28h). . . . . . . . . . . . . . . . . . . . . . . . . . 56
Table 59. Clock duty cycles . . . . . . . . . . . . . . . . . . . . . . . 56
Table 60. Flags - Flag status register (address 2Bh)
bit description. . . . . . . . . . . . . . . . . . . . . . . . . . 57
Table 61. Reset - software reset control (address 2Fh)
bit description. . . . . . . . . . . . . . . . . . . . . . . . . . 58
Table 62. Registers reset values . . . . . . . . . . . . . . . . . . 59
Table 63. Stop_enable - control of STOP bit
(address 2Eh) . . . . . . . . . . . . . . . . . . . . . . . . . 60
Table 64. Counter stop signal . . . . . . . . . . . . . . . . . . . . . 60
Table 65. I2C slave address byte . . . . . . . . . . . . . . . . . . . 66
Table 66. Application configuration . . . . . . . . . . . . . . . . . 68
Table 67. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . 70
Table 68. Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 71
Table 69. I2C-bus characteristics . . . . . . . . . . . . . . . . . . . 76
Table 70. SnPb eutectic process (from J-STD-020D) . . . 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com