Electronic Components Datasheet Search
  English  ▼

X  

89874 Datasheet(PDF) 1 Page - pro-elec

Part # 89874
Description  LED Torch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

89874 Datasheet(HTML) 1 Page - pro-elec

  89874 Datasheet HTML 1Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.farnell.com
www.cpc.co.uk
Page <1>
V1.0
21/04/17
LED Torch
PEL00002
PEL00003
PEL00005
PEL00009
89874
Specification Table
Part Number
Lamp
Battery
Size
(cm)
Weight
(Grams)
Colour
Material
Brightness
PEL00002
1 LED
1 × AA
2 Ø × 9.2
23
Black
Aluminium
25 - 30 lm
PEL00003
9 LEDs
3 × AAA
2.5 Ø × 8.9
26.4
Black
Aluminium
30 - 35 lm
89874
3 LEDs
2 × AA
4 Ø × 17.5
95
Black & Blue
Plastic
10 - 12 lm
PEL00005
24 LEDs + 4 LEDs
4 × AAA
20 × 2.8 × 2
43
Black
Plastic
80 lm
PEL00009
6 LEDs
3 × AAA 15.5 × 1.5 × 3.4
29.8
Black & Blue
Plastic
50 lm
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-ELEC is the registered trademark of the Group. © Premier Farnell Limited 2016.
Part Number Table
Description
Part Number
0.5W LED Aluminium Torch
PEL00002
9 LEDs Aluminium Torch
PEL00003
3 LEDs Plastic Torch
89874
24+4 LEDs Work Light
PEL00005
6 LEDs Pen Light
PEL00009


Similar Part No. - 89874

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8987 MALLORY-8987 Datasheet
420Kb / 4P
Start and Step Retard Control
logo
Festo Corporation.
8987 FESTO-8987 Datasheet
85Kb / 1P
Hand lever valve
4/10/22
More results

Similar Description - 89874

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
DN68 ZETEX-DN68 Datasheet
82Kb / 2P
ZXSC310 High power torch reference design
logo
Allegro MicroSystems
A8530 ALLEGRO-A8530 Datasheet
476Kb / 11P
Ultracompact 6-Channel Backlight and Flash/Torch White LED Driver
logo
Monolithic Power System...
EV0062 MPS-EV0062 Datasheet
155Kb / 4P
1.3MHz Low Power LED Torch/Flash Driver
EV1527DR-02A MPS-EV1527DR-02A Datasheet
199Kb / 5P
1.3MHz Low Power LED Torch/Flash Driver
logo
List of Unclassifed Man...
M-80 ETC1-M-80 Datasheet
225Kb / 2P
4AA MIDI TORCH
logo
Analog Devices
ADP1653 AD-ADP1653_15 Datasheet
979Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
REV. B
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
Xenon Flash Controller & LED Torch Driver
logo
Will Semiconductor Ltd.
WD3100 WILLSEMI-WD3100 Datasheet
840Kb / 9P
200mA Flash/Torch LED Driver
logo
Analog Devices
ADP1653 AD-ADP1653_V01 Datasheet
981Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
Rev. C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com