Electronic Components Datasheet Search
  English  ▼

X  

THS7374IPWR Datasheet(PDF) 33 Page - Texas Instruments

Part # THS7374IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7374IPWR Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS7374IPWR Datasheet HTML 29Page - Texas Instruments THS7374IPWR Datasheet HTML 30Page - Texas Instruments THS7374IPWR Datasheet HTML 31Page - Texas Instruments THS7374IPWR Datasheet HTML 32Page - Texas Instruments THS7374IPWR Datasheet HTML 33Page - Texas Instruments THS7374IPWR Datasheet HTML 34Page - Texas Instruments THS7374IPWR Datasheet HTML 35Page - Texas Instruments THS7374IPWR Datasheet HTML 36Page - Texas Instruments THS7374IPWR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
THS7374
www.ti.com
SLOS590B – JULY 2008 – REVISED JANUARY 2011
THS7374EVM Bill of Materials
Table 2. THS7374 EVM
MANUFACTURER
DISTRIBUTOR
ITEM
REF DES
QTY
DESCRIPTION
SMD SIZE
PART NUMBER
PART NUMBER
1
FB1
1
Bead, Ferrite, 2.5 A, 330
Ω
0805
(TDK) MPZ2012S331A
(Digi-Key) 445-1569-1-ND
Capacitor, 100 mF, Tantalum, 10 V, 10%,
2
C24
1
C
(AVX) TPSC107K010R0100
(Digi-Key) 478-1765-1-ND
Low-ESR
C1–C4,
3
C7–C10, C19,
12
Open
0805
C20–C22
4
C5
1
Capacitor, 0.01 mF, Ceramic, 100 V, X7R
0805
(AVX) 08051C103KAT2A
(Digi-Key) 478-1358-1-ND
C12, C14, C16,
5
C17, C23, C25,
7
Capacitor, 0.1 mF, Ceramic, 50 V, X7R
0805
(AVX) 08055C104KAT2A
(Digi-Key) 478-1395-1-ND
C26
6
C6
1
Capacitor, 1 mF, Ceramic, 16 V, X7R
0805
(TDK) C2012X7R1C105K
(Digi-Key) 445-1358-1-ND
C11, C13, C15,
7
4
Capacitor, Aluminum, 470 mF, 10 V, 20%
F
(Cornell) AFK477M10F24B-F
(Newark) 66K0965
C18
8
RX1–RX8
8
Open
0603
R6, R7, R14,
9
4
Open
0805
R15
10
Z1–Z4
4
Resistor, 0
Ω
0805
(ROHM) MCR10EZHJ000
(Digi-Key) RHM0.0ACT-ND
R1–R4,
(Digi-Key)
11
8
Resistor, 75
Ω, 1/8 W, 1%
0805
(ROHM) MCR10EZHF75.0
R9–R12
RHM75.0CCT-ND
(Digi-Key)
12
R17
1
Resistor, 100
Ω, 1/8 W, 1%
0805
(ROHM) MCR10EZHF1000
RHM100CCT-ND
(Digi-Key)
13
R13, R16
2
Resistor, 1 k
Ω, 1/8 W, 1%
0805
(ROHM) MCR10EZHF1001
RHM1.00KCCT-ND
(Digi-Key)
14
R5, R8
2
Resistor, 100 k
Ω, 1/8 W, 1%
0805
(ROHM) MCR10EZHF1003
RHM100KCCT-ND
15
J9, J10
2
Jack, Banana Receptance, 0.25" dia. hole
(SPC) 813
(Newark) 39N867
16
J1–J8
8
Connector, BNC, Jack, 75
Ω
(Amphenol) 31-5329-72RFX
(Newark) 93F7554
17
TP5, TP6
2
Test Point, Black
(Keystone) 5001
(Digi-Key) 5001K-ND
18
JP2, JP3
2
Open
3 possible
19
JP1, JP4
2
Header, 0.1" CTRS, 0.025" sq. pins
3 possible
(Sullins) PBC36SAAN
(Digi-Key) S1011E-36-ND
20
JP1, JP4
2
Shunts
(Sullins) SSC02SYAN
(Digi-Key) S9002-ND
21
U1
1
IC, THS7374
PW
(TI) THS7374IPW
22
4
Standoff, 4-40 HEX, 0.625" length
(Keystone) 1808
(Digi-Key) 1808K-ND
23
4
Screw, Phillips, 4-40, 0.250"
(BF) PMS 440 0031 PH
(Digi-Key) H343-ND
24
1
Printed Circuit Board
(TI) Edge# 6497066 Rev. B
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): THS7374



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com