Electronic Components Datasheet Search
  English  ▼

X  

THS7375IPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # THS7375IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7375IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS7375IPWR Datasheet HTML 5Page - Texas Instruments THS7375IPWR Datasheet HTML 6Page - Texas Instruments THS7375IPWR Datasheet HTML 7Page - Texas Instruments THS7375IPWR Datasheet HTML 8Page - Texas Instruments THS7375IPWR Datasheet HTML 9Page - Texas Instruments THS7375IPWR Datasheet HTML 10Page - Texas Instruments THS7375IPWR Datasheet HTML 11Page - Texas Instruments THS7375IPWR Datasheet HTML 12Page - Texas Instruments THS7375IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
11.0
10.6
10.2
9.8
9.4
9.0
-40 -30 -20
80 90
AmbientTemperature( C)
°
V
=5V
S+
V
=3.3V
S+
70
-10 0
10 20 30 40 50 60
340
335
330
325
320
315
310
305
300
-40 -30 -20
80 90
AmbientTemperature( C)
°
V
=5V
S+
V
=3.3V
S+
70
-10 0
10 20 30 40 50 60
Input=0V
810
805
800
795
790
-40 -30 -20
80 90
AmbientTemperature( C)
°
70
-10 0
10 20 30 40 50 60
V
=3.3Vand5V
Input=1V
S+
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
-40 -30 -20
80 90
AmbientTemperature( C)
°
70
-10 0
10 20 30 40 50 60
Load=150
toGND
DC-Coupled
W
V
=3.3V
S+
V
=5V
S+
0.05
0.04
0.03
0.02
0.01
0
-40 -30 -20
80 90
AmbientTemperature( C)
°
70
-10 0
10 20 30 40 50 60
Load=150
toGND
DC-Coupled
W
V
=3.3V
S+
V
=5V
S+
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
-
-
-40 -30 -20
80 90
AmbientTemperature( C)
°
70
-10 0
10 20 30 40 50 60
V
=5V
S+
THS7375
www.ti.com
SBOS449A – SEPTEMBER 2008 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS
RL = 150 Ω to GND and dc-coupled input and output, unless otherwise noted.
TOTAL QUIESCENT CURRENT vs TEMPERATURE
OUTPUT OFFSET VOLTAGE vs TEMPERATURE
Figure 2.
Figure 3.
INPUT RESISTANCE vs TEMPERATURE
MAXIMUM OUTPUT VOLTAGE vs TEMPERATURE
Figure 4.
Figure 5.
MINIMUM OUTPUT VOLTAGE vs TEMPERATURE
ATTENUATION AT 6.75 MHz vs TEMPERATURE
Figure 6.
Figure 7.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS7375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com