Electronic Components Datasheet Search
  English  ▼

X  

P2JR Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # P2JR
Description  6W AC-DC Reliable Green Medical Adaptor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

P2JR Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  P2JR Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. P2JR Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. P2JR Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. P2JR Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. P2JR Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
6W AC-DC Reliable Green Medical Adaptor
GSM06E series
by customer
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
2
1
L1
Length of Land L1 by request
(
’s standard length, L:
mm, L1:
mm)
MW
25
10
2
1
( Ribbed )
( Letter )
R7B
+Vo
-Vo
Type No.
Min. DIN 4 Pin with Lock (male)
Stripped and tinned leads
+Vo
-Vo
Pin Assignment
PIN No.
Output
Pin Assignment
PIN No.
Output
Type No.
1
2
3
4
+Vo
-Vo
2
14
3
KYCON KPPX 4P equivalent
-
R6B
Type No.
PIN No.
Output
1
2
3
+Vo
-Vo
+Vo
Min. DIN 3 Pin with Lock (male)
KYCON KPPX 3P equivalent
-
2
1
3
Pin Assignment
P4C
5.1
11.0
7.4
0.6
A
B
D
3.4
11.0
55
.
4.4
11.0
6.5
1.0
1.4
P4A
P4B
Type No.
A
B
D
OD
ID
Center Pin
C
L
Center Pin Style
1
2
4
3
R7BF
+Vo
-Vo
Type No.
KYCON KPJX-CM-4S equivalent
Pin Assignment
PIN No.
Output
1
2
3
4
+Vo
-Vo
Min. DIN 4 Pin with Lock (female)
C
EIAJ equivalent
File Name:GSM06E-SPEC 2018-01-15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com