Electronic Components Datasheet Search
  English  ▼

X  

TL3116 Datasheet(PDF) 6 Page - Texas Instruments

Part # TL3116
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL3116 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL3116 Datasheet HTML 2Page - Texas Instruments TL3116 Datasheet HTML 3Page - Texas Instruments TL3116 Datasheet HTML 4Page - Texas Instruments TL3116 Datasheet HTML 5Page - Texas Instruments TL3116 Datasheet HTML 6Page - Texas Instruments TL3116 Datasheet HTML 7Page - Texas Instruments TL3116 Datasheet HTML 8Page - Texas Instruments TL3116 Datasheet HTML 9Page - Texas Instruments TL3116 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TL3116, TL3116Y
ULTRAFAST LOW POWER
PRECISION COMPARATORS
SLCS132C − MARCH 1997 − REVISED MAY 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
10
6
4
0
12
3
4
14
16
20
58
18
12
8
2
67
POSITIVE SUPPLY CURRENT
vs
INPUT VOLTAGE
TA = − 40°C
TA = 85°C
TA = 25°C
VI − Input Voltage − V
VCC = ± 5 V
TA = 25°C
Figure 3
20
18
14
12
10
24
16
22
f − Frequency − MHz
POSITIVE SUPPLY CURRENT
vs
FREQUENCY
0101
102
TA = 85°C
TA = 25°C
TA = − 40°C
VCC = ± 5 V
TA = 25°C
Figure 4
−50
−25
0
25
50
75
100
125
9
7
6
13
14
POSITIVE SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
15
12
11
8
5
10
TA − Free-Air Temperature − °C
VCC = ± 5 V
Figure 5
−50
−25
0
25
50
75
100
125
− 1.5
− 2
− 3
− 0.5
NEGATIVE SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
0
− 1
− 2.5
TA − Free-Air Temperature − °C
VCC = ± 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com