Electronic Components Datasheet Search
  English  ▼

X  

PAL16L8 Datasheet(PDF) 13 Page - Texas Instruments

Part # PAL16L8
Description  HIGH-PERFORMANCE IMPACT™ PAL® CIRCUITS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PAL16L8 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PAL16L8 Datasheet HTML 9Page - Texas Instruments PAL16L8 Datasheet HTML 10Page - Texas Instruments PAL16L8 Datasheet HTML 11Page - Texas Instruments PAL16L8 Datasheet HTML 12Page - Texas Instruments PAL16L8 Datasheet HTML 13Page - Texas Instruments PAL16L8 Datasheet HTML 14Page - Texas Instruments PAL16L8 Datasheet HTML 15Page - Texas Instruments PAL16L8 Datasheet HTML 16Page - Texas Instruments PAL16L8 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-85155122A
NRND
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
85155122A
TIBPAL16
R4-15MFKB
5962-8515512RA
NRND
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8515512RA
TIBPAL16R4-15M
JB
5962-8515512SA
NRND
Production
CFP (W) | 20
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8515512SA
TIBPAL16R4-15M
WB
TIBPAL16L8-15MJ
NRND
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
TIBPAL16L8-15M
J
TIBPAL16L8-15MJ.A
NRND
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
TIBPAL16L8-15M
J
TIBPAL16R4-15MFKB
NRND
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
85155122A
TIBPAL16
R4-15MFKB
TIBPAL16R4-15MFKB.A
NRND
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
85155122A
TIBPAL16
R4-15MFKB
TIBPAL16R4-15MJB
NRND
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8515512RA
TIBPAL16R4-15M
JB
TIBPAL16R4-15MJB.A
NRND
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8515512RA
TIBPAL16R4-15M
JB
TIBPAL16R4-15MWB
NRND
Production
CFP (W) | 20
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8515512SA
TIBPAL16R4-15M
WB
TIBPAL16R4-15MWB.A
NRND
Production
CFP (W) | 20
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8515512SA
TIBPAL16R4-15M
WB
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com