Electronic Components Datasheet Search
  English  ▼

X  

TL7700CPWR Datasheet(PDF) 15 Page - Texas Instruments

Part # TL7700CPWR
Description  TL7700 Supply-Voltage Supervisor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7700CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL7700CPWR Datasheet HTML 11Page - Texas Instruments TL7700CPWR Datasheet HTML 12Page - Texas Instruments TL7700CPWR Datasheet HTML 13Page - Texas Instruments TL7700CPWR Datasheet HTML 14Page - Texas Instruments TL7700CPWR Datasheet HTML 15Page - Texas Instruments TL7700CPWR Datasheet HTML 16Page - Texas Instruments TL7700CPWR Datasheet HTML 17Page - Texas Instruments TL7700CPWR Datasheet HTML 18Page - Texas Instruments TL7700CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
GND
8
7
6
5
1
2
3
4
5V
NC
CT
GND
VCC
NC
NC
RESET
2.2 k
SENSE
510 pF
30 k
240 k
15
TL7700
www.ti.com
SLVS220G – JULY 1999 – REVISED AUGUST 2016
Product Folder Links: TL7700
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The TL7700 device will operate within the supply range specified in Recommended Operating Conditions. The
device risks permanent damage over the voltage specified in Absolute Maximum Ratings.
11 Layout
11.1 Layout Guidelines
Figure 23 shows an example layout for the TL7700 device. As the RESET pin is an open collector output, a
pullup resistor is required to ensure the output is high when the output transistor is off.
11.2 Layout Example
Figure 23. DGK Package Example Layout for 5 V Supply Supervision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com