Electronic Components Datasheet Search
  English  ▼

X  

SF64 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SF64
Description  CURRENT 6.0 Amperes VOLTAGE 50 to 600 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SF64 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SF64 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SF64 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SF61 THRU SF67
FIG . 1 -REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
trr
1cm
50
10
NONINDUCTIVE
NONINDUCTIVE
DUT
PULSE
GENERATOR
(NOTE 2 )
OSCILLOSCOPE
(NOTE 2)
(+ )
50Vdc
(approx)
(-)
NOTES: 1 . RISE TIME = 7nsmax. INPUT
IMPEDANCE= 1 MEGOHM 22p
2 . RISETIME = 10ns max.SOURSE
IMPEDANCE = 50ohmsf
+0.5A
-0.25A
0
-1.0A
SET TIME BASE FOR
5/ 10ns / cm
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
0.375"(9.5m m)
LEAD LENGTH
25 50 75 100 125 150 175
FIG . 2 -MAXIMUM AVERAGE FORWARD
CURRENT DERATING
O
AMBIENT TEMPERATURE . ( C)
FIG . 3 -TYPICAL REVERSE CHARACTERISTICS
FIG . 4 -TYPICAL REVERSE CHARACTERISTICS
6.0
5.0
4.0
3.0
2.0
1.0
PERCENT OF RATED PEAK REVERSE VOL.(% )
0
20
40
60
80
100
120
1000
100
10
1
.1
O
T =25
J
C
SF
67
o
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
100.0
10.0
1.0
0.1
.01
O
T =100
J
C
FIG . 5 -MAXIMUM NON- REPETITIVE FORWARD SUREG
CURRENT
FIG . 6 -TYPICAL JUNCTION CAPACITANCE
8.3ms Single Half Sine
Wave JEDEC Method
1
2
5
10
20
50
100
175
150
125
100
75
50
25
0
SF
-SF
61
64
SF
-SF
65
67
.1
.5
1 2
5
10 20
50 100 200 500 1000
200
180
160
140
120
100
80
60
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
O
T =25
J
C
NUMBER OF CYCLESAT 60Hz
REVERSE VOLTAGE ,(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com