Electronic Components Datasheet Search
  English  ▼

X  

SF57 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SF57
Description  CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SF57 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SF57 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SF57 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SF51 THRU SF57
0.1
1.0
10
50
FIG.4-TYPICAL REVERSECHARACTERISTICS
FIG.1- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.6-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1
2
3
4
5
6
175
150
125
100
75
50
25
.01
0
(+)
(+)
25Vdc
(approx.)
( )
( )
10
NONINDUCTIVE
50
NONINDUCTIVE
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. RiseTime= 7ns max., InputImpedance= 1 megohm.22pF.
2. RiseTime= 10nsmax., SourceImpedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns/ cm
trr
.05 .1
.5
1
5
10
50 100
D.U.T.
3.0
SinglePhase
HalfWave 60Hz
Resistive OrInductive Load
0.375"(9.5mm)LeadLength
Tj=100 C
Tj=25 C
30
0
60
90
120
150
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3msSingleHalf
Sine Wave
JEDEC method
00
25
50
75
100
125
150
175
o
AMBIENT TEMPERATURE,( C)
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80
10 0 12 0 14 0
FIG.5-MAXIMUM NON-REPETITIVE FORWARDSURGE CURRENT
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARDCHARACTERISTICS
FORWARD VOLTAGE,(V)
Pu lse W idth 30 0u s
1% Du ty Cy cle
.4
.6
.8
1. 0 1. 2 1. 4 1. 6
1. 8
3.0
Tj= 25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com