Electronic Components Datasheet Search
  English  ▼

X  

TL431LIBIDBZR Datasheet(PDF) 3 Page - Texas Instruments

Part # TL431LIBIDBZR
Description  TL431LI / TL432LI Programmable Shunt Regulator with Optimized Reference Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL431LIBIDBZR Datasheet(HTML) 3 Page - Texas Instruments

  TL431LIBIDBZR Datasheet HTML 1Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 2Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 3Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 4Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 5Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 6Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 7Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 8Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
2
3
REF
CATHODE
ANODE
1
2
3
CATHODE
REF
ANODE
3
TL431LI
TL432LI
www.ti.com
SLVSDQ6A – JULY 2018 – REVISED NOVEMBER 2018
Product Folder Links: TL431LI TL432LI
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE PINOUT
INITIAL ACCURACY
OPERATING FREE-AIR TEMPERATURE (TA)
TL431LI
TL432LI
A: 1%
B: 0.5%
C: 0°C to 70°C
I: -40°C to 85°C
Q: -40°C to 125°C
6 Pin Configuration and Functions
TL431LI DBZ Package
3-Pin SOT-23
Top View
TL432LI DBZ Package
3-Pin SOT-23
Top View
Pin Functions
NAME
PIN NUMBER
TYPE
DESCRIPTION
TL431LIx
TL432LIx
DBZ
DBZ
ANODE
3
3
O
Common pin, normally connected to ground
CATHODE
1
2
I/O
Shunt Current/Voltage input
REF
2
1
I
Threshold relative to common anode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com