Electronic Components Datasheet Search
  English  ▼

X  

TLK1221 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLK1221
Description  ETHERNET TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK1221 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK1221 Datasheet HTML 6Page - Texas Instruments TLK1221 Datasheet HTML 7Page - Texas Instruments TLK1221 Datasheet HTML 8Page - Texas Instruments TLK1221 Datasheet HTML 9Page - Texas Instruments TLK1221 Datasheet HTML 10Page - Texas Instruments TLK1221 Datasheet HTML 11Page - Texas Instruments TLK1221 Datasheet HTML 12Page - Texas Instruments TLK1221 Datasheet HTML 13Page - Texas Instruments TLK1221 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
RXP,RXN
RD(0–9)
RBC0
10-BitCode
td(Rx latency)
10-BitCode
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
CL
5pF
CL
5pF
50 W
50 W
t
r
t
f
CLOCK
80%
50%
20%
t
r
t
f
2V
0.8V
DATA
1.4V
TLK1221
SLLS713C – FEBRUARY 2007 – REVISED SEPTEMBER 2009....................................................................................................................................... www.ti.com
Figure 7. Receiver Latency, TBI Normal Mode Shown
Figure 8. Transmitter Test Setup
Figure 9. TTL Data I/O Valid Levels for AC Measurement
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TLK1221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com