Electronic Components Datasheet Search
  English  ▼

X  

TLV2221CDBVT Datasheet(PDF) 20 Page - Texas Instruments

Part # TLV2221CDBVT
Description  Advanced LinCMOS™ RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2221CDBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV2221CDBVT Datasheet HTML 16Page - Texas Instruments TLV2221CDBVT Datasheet HTML 17Page - Texas Instruments TLV2221CDBVT Datasheet HTML 18Page - Texas Instruments TLV2221CDBVT Datasheet HTML 19Page - Texas Instruments TLV2221CDBVT Datasheet HTML 20Page - Texas Instruments TLV2221CDBVT Datasheet HTML 21Page - Texas Instruments TLV2221CDBVT Datasheet HTML 22Page - Texas Instruments TLV2221CDBVT Datasheet HTML 23Page - Texas Instruments TLV2221CDBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
TLV2221, TLV2221Y
Advanced LinCMOS RAILTORAIL
VERY LOW POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS157B − JUNE 1996 − REVISED APRIL 2005
20
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 36
INVERTING LARGE-SIGNAL PULSE
RESPONSE†
t − Time −
µs
A V = − 1
TA = 25°C
VDD = 3 V
RL = 2 kΩ
CL = 100 pF
1.5
1
0.5
0
2
2.5
3
0
5
10
15
20
25
30
35
40
45
50
Figure 37
INVERTING LARGE-SIGNAL PULSE
RESPONSE†
t − Time −
µs
2
1
0
0
5
10
15
20
25
30
3
4
5
35
40
45
50
VDD = 5 V
RL = 2 kΩ
CL = 100 pF
AV = − 1
TA = 25°C
Figure 38
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE†
t − Time −
µs
1
0
0
5
10
15
20
25
30
2
3
35
40
45
50
A V = 1
TA = 25°C
VDD = 5 V
RL = 2 kΩ
CL = 100 pF
4
5
Figure 39
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE†
t − Time −
µs
2
1
0
0
5
10
15
20
25
30
3
4
5
35
40
45
50
VDD = 5 V
CL = 100 pF
AV = 1
TA = 25°C
RL = 100 kΩ
Tied to 2.5 V
RL = 2 kΩ
Tied to 2.5 V
RL = 2 kΩ
Tied to 0 V
† For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com