Electronic Components Datasheet Search
  English  ▼

X  

TLV2721 Datasheet(PDF) 24 Page - Texas Instruments

Part # TLV2721
Description  Advanced LinCMOS™ RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2721 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV2721 Datasheet HTML 20Page - Texas Instruments TLV2721 Datasheet HTML 21Page - Texas Instruments TLV2721 Datasheet HTML 22Page - Texas Instruments TLV2721 Datasheet HTML 23Page - Texas Instruments TLV2721 Datasheet HTML 24Page - Texas Instruments TLV2721 Datasheet HTML 25Page - Texas Instruments TLV2721 Datasheet HTML 26Page - Texas Instruments TLV2721 Datasheet HTML 27Page - Texas Instruments TLV2721 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
TLV2721, TLV2721Y
Advanced LinCMOS RAILTORAIL
VERY LOW POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS197A − AUGUST1997 − REVISED MARCH 2001
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 51
PHASE MARGIN
vs
LOAD CAPACITANCE
CL − Load Capacitance − pF
101
10 2
10 3
10 5
75
°
60
°
45
°
30
°
15
°
0
°
Rnull = 200 Ω
Rnull = 500 Ω
Rnull = 0
Rnull = 1 kΩ
10 4
TA = 25°C
RL = ∞
Figure 52
CL − Load Capacitance − pF
101
10 2
10 3
10 5
75
°
60
°
45
°
30
°
15
°
0
°
10 4
Rnull = 1 kΩ
Rnull = 500 Ω
Rnull = 100 Ω
Rnull = 0
TA = 25°C
RL = 2 kΩ
PHASE MARGIN
vs
LOAD CAPACITANCE
Figure 53
UNITY-GAIN BANDWIDTH
vs
LOAD CAPACITANCE
CL − Load Capacitance − pF
600
101
10 2
10 3
10 4
10 5
500
400
300
200
100
0
TA = 25°C
RL = ∞
Figure 54
CL − Load Capacitance − pF
101
10 2
10 3
10 5
10 4
TA = 25°C
RL = 2 kΩ
600
500
400
300
200
100
0
UNITY-GAIN BANDWIDTH
vs
LOAD CAPACITANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com