Electronic Components Datasheet Search
  English  ▼

X  

TLV2556IPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV2556IPWR
Description  TLV2556 12-Bit 200-kSPS 11-Channel Low-Power Serial ADC With Internal Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2556IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2556IPWR Datasheet HTML 4Page - Texas Instruments TLV2556IPWR Datasheet HTML 5Page - Texas Instruments TLV2556IPWR Datasheet HTML 6Page - Texas Instruments TLV2556IPWR Datasheet HTML 7Page - Texas Instruments TLV2556IPWR Datasheet HTML 8Page - Texas Instruments TLV2556IPWR Datasheet HTML 9Page - Texas Instruments TLV2556IPWR Datasheet HTML 10Page - Texas Instruments TLV2556IPWR Datasheet HTML 11Page - Texas Instruments TLV2556IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TLV2556
SLAS355B – DECEMBER 2001 – REVISED DECEMBER 2015
www.ti.com
6.9 Timing Requirements, VREF+ = 5 V
over recommended operating free-air temperature range,
VREF+ = 5 V, I/O CLOCK frequency = 15 MHz, VCC = 5 V, Load = 25 pF (unless otherwise noted)
MIN
MAX
UNIT
tw1
Pulse duration I/O CLOCK high or low
26.7
100000
ns
tsu1
Set-up time DATA IN valid before I/O CLOCK rising edge (see Figure 47)
12
ns
th1
Hold time DATA IN valid after I/O CLOCK rising edge (see Figure 47)
0
ns
tsu2
Setup time CS low before first rising I/O CLOCK edge(1) (see Figure 48)
25
ns
th2
Hold time CS pulse duration high time (see Figure 48)
100
ns
th3
Hold time CS low after last I/O CLOCK falling edge (see Figure 48)
0
ns
th4
Hold time DATA OUT valid after I/O CLOCK falling edge (see Figure 49)
2
ns
th5
Hold time CS high after EOC rising edge when CS is toggled (see Figure 52)
0
ns
th6
Hold time CS high after INT falling edge (seeFigure 52)
0
ns
Hold time I/O CLOCK low after EOC rising edge or INT falling edge when CS is held low
th7
10
ns
(seeFigure 53)
Load = 25 pF
28
Delay time CS falling edge to DATA OUT valid (MSB or
td1
ns
LSB) (see Figure 46)
Load = 10 pF
20
td2
Delay time CS rising edge to DATA OUT high impedance (see Figure 46)
10
ns
td3
Delay time I/O CLOCK falling edge to next DATA OUT bit valid (see Figure 49)
2
20
ns
td4
Delay time last I/O CLOCK falling edge to EOC falling edge (seeFigure 50)
55
ns
td5
Delay time last I/O CLOCK falling edge to CS falling edge to abort conversion
1.5
μs
td6
Delay time last I/O CLOCK falling edge to INT falling edge (see Figure 50)
tconvert(max)
ns
Delay time EOC rising edge or INT falling edge to DATA OUT valid: MSB or LSB 1st
td7
4
ns
(see Figure 51)
td9
Delay time I/O CLOCK high to INT rising edge when CS is held low (see Figure 53)
1
28
ns
tt1
Transition time I/O CLOCK(1) (see Figure 49)
1
μs
tt2
Transition time DATA OUT (see Figure 49)
5
ns
tt3
Transition time INT/EOC, CL = 7 pF (see Figure 50 and Figure 51)
2.4
ns
tt4
Transition time DATA IN, CS
10
μs
tcycle
Total cycle time (sample, conversion and delays)(1)
See (2)
μs
Source impedance = 25
Ω
600
Source impedance = 100
Ω
650
Channel acquisition time (sample) at 1 k
Ω(1)
tsample
ns
(see Figure 1 through Figure 6)
Source impedance = 500
Ω
700
Source impedance = 1 k
Ω
1000
(1)
I/O CLOCK period = 8 × [1/(I/O CLOCK frequency)] or 12 × [1/(I/O CLOCK frequency)] or 16 × [1/(I/O CLOCK frequency)], depending
on I/O format selected
(2)
tconvert(max) + I/O CLOCK period (8/12/16 CLKs)
(1)
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TLV2556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com