Electronic Components Datasheet Search
  English  ▼

X  

TLC4501 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC4501
Description  FAMILY OF SELF-CALIBRATING (Self-Cal) PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC4501 Datasheet(HTML) 2 Page - Texas Instruments

  TLC4501 Datasheet HTML 1Page - Texas Instruments TLC4501 Datasheet HTML 2Page - Texas Instruments TLC4501 Datasheet HTML 3Page - Texas Instruments TLC4501 Datasheet HTML 4Page - Texas Instruments TLC4501 Datasheet HTML 5Page - Texas Instruments TLC4501 Datasheet HTML 6Page - Texas Instruments TLC4501 Datasheet HTML 7Page - Texas Instruments TLC4501 Datasheet HTML 8Page - Texas Instruments TLC4501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221B – MAY 1998 – REVISED APRIL 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Using this technology eliminates the need for noisy and expensive chopper techniques, laser trimming, and
power hungry, split supply bipolar operational amplifiers.
NC
VDD +
2OUT
2IN –
2IN +
NC
1OUT
1IN –
1IN +
VDD–/GND
1
2
3
4
5
10
9
8
7
6
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN –
NC
NC
1IN –
NC
1IN +
NC
TLC4502
FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VDD –/GND
VDD+
2OUT
2IN –
2IN+
TLC4502
D OR JG PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
1IN –
1IN +
VDD –/GND
NC
VDD+
OUT
NC
TLC4501
D PACKAGE
(TOP VIEW)
TLC4502
U PACKAGE
(TOP VIEW)
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax AT 25°C
SMALL
OUTLINE†
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(JG)
CERAMIC FLAT
PACK
(U)
40
µV
TLC4501ACD
—
—
—
0
°Cto70°C
50
µV
TLC4502ACD
—
—
—
0
°C to 70°C
80
µV
TLC4501CD
—
—
—
100
µV
TLC4502CD
—
—
—
40
µV
TLC4501AID
—
—
—
40
°Cto125°C
50
µV
TLC4502AID
—
—
—
– 40
°C to 125°C
80
µV
TLC4501ID
—
—
—
100
µV
TLC4502ID
—
—
—
40
°Cto125°C
50
µV
TLC4502AQD
—
—
—
– 40
°C to 125°C
100
µV
TLC4502QD
—
—
—
55
°Cto125°C
50
µV
TLC4502AMD
TLC4502AMFKB
TLC4502AMJGB
TLC4502AMUB
– 55
°C to 125°C
100
µV
TLC4502MD
TLC4502MFKB
TLC4502MJGB
TLC4502MUB
† The D package is also available taped and reeled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com