Electronic Components Datasheet Search
  English  ▼

X  

TLV369 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV369
Description  TLVx369 Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV369 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV369 Datasheet HTML 9Page - Texas Instruments TLV369 Datasheet HTML 10Page - Texas Instruments TLV369 Datasheet HTML 11Page - Texas Instruments TLV369 Datasheet HTML 12Page - Texas Instruments TLV369 Datasheet HTML 13Page - Texas Instruments TLV369 Datasheet HTML 14Page - Texas Instruments TLV369 Datasheet HTML 15Page - Texas Instruments TLV369 Datasheet HTML 16Page - Texas Instruments TLV369 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Time
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Input
Output
F
V
I
R
A
R
V
1.8
A
3.6
0.5
OUT
V
IN
V
A
V
13
TLV369, TLV2369
www.ti.com
SBOS757 – MAY 2016
Product Folder Links: TLV369 TLV2369
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.2 Detailed Design Procedure
Determine the gain required by the inverting amplifier using Equation 1 and Equation 2:
(1)
(2)
When the desired gain is determined, choose a value for RI or RF. Choosing a value in the kilohm range is
desirable for general-purpose applications because the amplifier circuit uses currents in the milliamp range. This
milliamp current range ensures that the device does not draw too much current. The trade-off is that very large
resistors (100s of kilohms) draw the smallest current but generate the highest noise. Very small resistors (100s of
ohms) generate low noise but draw high current. This example uses 10 k
Ω for RI, meaning 36 kΩ is used for RF.
These values are determined by Equation 3:
(3)
8.2.3 Application Curve
Figure 16. Inverting Amplifier Input and Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com