Electronic Components Datasheet Search
  English  ▼

X  

SF304 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SF304
Description  CURRENT 30.0 Amperes VOLTAGE 50 to 400 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SF304 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SF304 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SF304 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF301 THRU SF306
Features
Mechanical Data
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
· Super fast recovery time
· Good for use in switching mode circuits
· Plastic package has Underwrites Laboratory Flammability
Classification 94V-0
Maximum Ratings And Electrical Characteristics
· Case : JEDEC TO-3P molded plastic body
· Terminals : Lead solderable per
MIL-STD-750, method 2026
· Polarity : As marked
· Mounting Position : Any
· Weight : 0.2 ounce, 5.60 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
CURRENT 30.0 Amperes
VOLTAGE 50 to 400 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
at TC=100℃
Maximum instantaneous forward voltage
at 15.0A
VRRM
Volts
Symbols
Units
0.95
VF
VRMS
30.0
Amps
Amps
250
IFSM
TJ
TSTG
500
175
-55 to +150
℃
Volts
Maximum DC reverse
current at rated DC
blocking voltage
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Operating junction and storage
temperature range
50
35
50
10
35
Volts
μA
ns
pF
I(AV)
IR
Trr
TC=25℃
TJ=25℃
TC=100℃
CJ
SF301
1.30
-55 to +150
100
70
100
SF302
150
105
150
SF303
200
140
200
SF304
300
210
300
SF305
400
280
400
SF306
Dimensions in inches and (millimeters)
TO-3P
.635(16.13)
.840(21.34)
.800(20.32)
.320(8.13)
.12(3.0)
.170(4.32)
.050(1.27)
.205(5.21)
.225(5.7)
.030(0.8)
.120(3.05)
.180(4.53)
.625(15.88)
.820(20.83)
.770(19.56)
.310(7.87)
.11(2.8)
.150(3.81)
.045(1.14)
.195(4.49)
.205(5.2)
.020(0.5)
.115(2.92)
.170(4.32)
DIA.
.095
(2.4)
30
+
PIN 1
PIN 3
PIN 2
CASE
Positive CT
Suffix "C"
PIN 1
PIN 3
PIN 2
CASE
Negative
CT
Suffix "A"


Similar Part No. - SF304

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF304 WTE-SF304 Datasheet
47Kb / 3P
3.0A SOFT FAST RECOVERY RECTIFIER
logo
Bytes
SF304 BYTES-SF304 Datasheet
166Kb / 2P
30.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF304 DCCOM-SF304 Datasheet
524Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
Diodes Incorporated
SF304 DIODES-SF304 Datasheet
63Kb / 3P
30A SUPER-FAST RECTIFIER
DS24007 Rev. D-3
logo
Formosa MS
SF304 FORMOSA-SF304 Datasheet
39Kb / 2P
30.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF304

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1000 PANJIT-ER1000 Datasheet
269Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE: 50 to 400 Volts CURRENT: 10.0 Amperes)
ER1000CT PANJIT-ER1000CT Datasheet
57Kb / 3P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE- 50 to 400 Volts CURRENT- 10.0 Amperes)?
ER1000F PANJIT-ER1000F Datasheet
350Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE: 50 to 400 Volts CURRENT: 10.0 Amperes)
ER800 PANJIT-ER800 Datasheet
54Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 8.0 Amperes)
logo
Rectron Semiconductor
HER1601C RECTRON-HER1601C Datasheet
24Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
HER3001 DAESAN-HER3001 Datasheet
323Kb / 2P
CURRENT 30.0 Amperes VOLTAGE 50 to 600 Volts
ES2A DAESAN-ES2A Datasheet
340Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 400 Volts
ES3A DAESAN-ES3A Datasheet
336Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 400 Volts
logo
Formosa MS
MBR3040CT FORMOSA-MBR3040CT Datasheet
367Kb / 2P
REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 30.0 Amperes
logo
PACELEADER INDUSTRIAL
SF51 PACELEADER-SF51 Datasheet
554Kb / 2P
VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com