Electronic Components Datasheet Search
  English  ▼

X  

SM130 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SM130
Description  CURRENT 1.0 Ampere VOLTAGE 20 to 60 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SM130 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SM130 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SM130 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SM120-SM160
FIG . 1 -MAXIMUM FORWARD CURRENT DERATING
CURVE
FIG . 4 -TYPICAL JUNCTION CAPACITANCE
O
LEAD TEMPERATURE. ( C )
REVERSE VOLTAGE . (V )
O
Tj =1 25 C
FIG .5 - MAXIMUM NON- REPETITIVE FORWARD
SUGE CURRENT
NUMBER OF CYCLES AT 60Hz
FORWARD VOLTAGE .( V )
0
25
50
75
100
125
150
175
1.0
.75
.50
.25
0
SM
150
-16
0
.1
.3
.5
.7
.9
1.1 1.3 1.5 1.7 1.9 2.1
20
10
1.0
0.1
FIG . 2 -TYPICAL FORWARD CHARACTERISTICS
SM15
0-160
SM12
0-140
400
200
100
80
60
40
20
10
.1
.4
1.0
4
10
40 80
50
40
30
20
10
0
1
2
4
6 8 10
20
40 6 0 80 100
100
10
1.0
.10
.001
0
20
40
60
80
100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE. ( %)
O
Tj = 75 C
O
Tj = 25 C
FIG.3-TYPICAL FORWARDCHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com