Electronic Components Datasheet Search
  English  ▼

X  

SK310 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SK310
Description  CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SK310 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SK310 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SK310 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SK32 THRU SK310
CURRENT 3.0Amperes
VOLTAGE 20 to 100 Volts
Maximum Ratings and Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive
load. For capacitive load, derate by 20%)
Features
Mechanical Data
· Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
· Metal silicon junction, majority carrier conduction
· For surface mount applications
· Guard ring for overvoltage protection
· Low power loss, high efficiency
· High current capability, Low forward voltage drop
· High surge capability
· For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
· High temperature soldering guaranteed :
250℃/10 seconds at terminals
· Case : JEDEC SMC(DO-214AB) molded plastic body
· Terminals : Solder Plate, solderable per
MIL-STD-750, Method 2026
· Polarity : Color band denotes cathode end
· Weight : 0.007 ounce, 0.25 gram
Notes:
(1) Pulse test: 300μS pulse width, 1% duty cycle
(2) Thermal resistance junction to ambient
Symbols
SK32
Units
Maximum repetitive peak reverse voltage
VRRM
20
Volts
Maximum RMS voltage
VRMS
0.55
0.85
0.75
Maximum DC blocking voltage
VDC
Volts
Maximum average forward rectified
current 0.375"(9.5mm) lead length(see Fig. 1)
I(AV)
3.0
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
70.0
Amps
Amps
Maximum instantaneous forward voltage
at 3.0A (Note 1)
VF
2.0
Volts
TA=25℃
20
Maximum instantaneous reverse
current at rated DC blocking
voltage (Note1)
TA=100℃
mA
Typical thermal resistance
17
℃/W
Operating junction temperature range
℃
IR
IFSM
RθJA
TJ
Volts
14
20
Storage temperature range
TSTG
-50 to +125
-65 to +150
℃
(Note 2)
SK33
30
21
30
SK34
40
28
40
SK35
50
35
50
SK36
60
42
60
SK38
80
56
80
SK39
90
63
90
SK310
100
70
100
Dimensions in inches and (millimeters)
0.124(3.15)
0.108(2.75)
0.245(6.22)
0.220(5.59)
0.012(0.31)
0.006(0.15)
0.280(7.11)
0.260(6.60)
0.103(2.62)
0.079(2.00)
0.050(1.27)
0.030(0.76)
0.008(0.203)
MAX.
0.320(8.13)
0.305(7.75)
DO-214AB (SMC)


Similar Part No. - SK310

ManufacturerPart #DatasheetDescription
logo
Surge Components
SK310 SURGE-SK310 Datasheet
80Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Transys Electronics
SK310 TRSYS-SK310 Datasheet
172Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SK310 MCC-SK310 Datasheet
899Kb / 3P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Diotec Semiconductor
SK310 DIOTEC-SK310 Datasheet
171Kb / 2P
Surface Mount Schottky-Rectifiers
logo
DIOTEC Electronics Corp...
SK310 DEC-SK310 Datasheet
104Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK310

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1N5820 DAESAN-1N5820 Datasheet
369Kb / 2P
CURRENT 3.0Amperes VOLTAGE 20 to 40 Volts
SB120 DAESAN-SB120 Datasheet
356Kb / 2P
CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SB320 DAESAN-SB320 Datasheet
295Kb / 2P
CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
SBP820 DAESAN-SBP820 Datasheet
381Kb / 2P
CURRENT 8.0Amperes VOLTAGE 20 to 100 Volts
SR202 DAESAN-SR202 Datasheet
349Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SR302 DAESAN-SR302 Datasheet
306Kb / 2P
CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
SS22 DAESAN-SS22 Datasheet
310Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SS32 DAESAN-SS32 Datasheet
289Kb / 2P
CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
SK52 DAESAN-SK52 Datasheet
320Kb / 2P
CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
logo
Microdiode Semiconducto...
SS315SMB CHENDA-SS315SMB Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 3.0Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com