Electronic Components Datasheet Search
  English  ▼

X  

74AHCT573 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHCT573
Description  Octal D-type transparent latch; 3-state
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT573 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHCT573 Datasheet HTML 1Page - NXP Semiconductors 74AHCT573 Datasheet HTML 2Page - NXP Semiconductors 74AHCT573 Datasheet HTML 3Page - NXP Semiconductors 74AHCT573 Datasheet HTML 4Page - NXP Semiconductors 74AHCT573 Datasheet HTML 5Page - NXP Semiconductors 74AHCT573 Datasheet HTML 6Page - NXP Semiconductors 74AHCT573 Datasheet HTML 7Page - NXP Semiconductors 74AHCT573 Datasheet HTML 8Page - NXP Semiconductors 74AHCT573 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2003 Dec 08
2
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC573; 74AHCT573
FEATURES
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Common 3-state output enable input
• Functionally identical to the 74AHC/AHCT563 and
74AHC/AHCT373
• Inputs accepts voltages higher than VCC
• For AHC only: operates with CMOS input levels
• For AHCT only: operates with TTL input levels
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74AHC/AHCT573 are high-speed Si-gate CMOS
devices and are pin compatible with low power Schottky
TTL (LSTTL). They are specified in compliance with
JEDEC standard No. 7A.
The 74AHC/AHCT573 are octal D-type transparent
latches featuring separate D-type inputs for each latch and
3-state outputs for bus oriented applications. A Latch
Enable (LE) input and an Output Enable (OE) input are
common to all latches.
The 74AHC/AHCT573 consists of eight D-type transparent
latches with 3-state true outputs. When pin LE is HIGH,
data at the Dn inputs enters the latches. In this condition
the latches are transparent, i.e. a latch output will change
state each time its corresponding D-input changes.
When pin LE is LOW the latches store the information that
was present at the D-inputs a set-up time preceding the
HIGH-to-LOW transition of LE. When pin OE is LOW, the
contents of the 8 latches are available at the outputs.
When pin OE is HIGH, the outputs go to the
high-impedance OFF-state. Operation of the OE input
does not affect the state of the latches.
The 74AHC/AHCT573 is functionally identical to the
74AHC/AHCT533, 74AHC/AHCT563 and
74AHC/AHCT373, but the 74AHC/AHCT533 and
74AHC/AHCT563 have inverted outputs and the
74AHC/AHCT563 and 74AHC/AHCT373 have a different
pin arrangement.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
AHC
AHCT
tPHL/tPLH
propagation delay Dn to Qn;
LE to Qn
CL = 15 pF; VCC = 5 V
3.9
3.5
ns
CI
input capacitance
VI =VCC or GND
3.0
3.0
pF
CO
output capacitance
4.0
4.0
pF
CPD
power dissipation
capacitance
CL = 50 pF; f = 1 MHz;
notes 1 and 2
12
18
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com