Electronic Components Datasheet Search
  English  ▼

X  

SFH608 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH608
Description  Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH608 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH608 Datasheet HTML 1Page - Vishay Siliconix SFH608 Datasheet HTML 2Page - Vishay Siliconix SFH608 Datasheet HTML 3Page - Vishay Siliconix SFH608 Datasheet HTML 4Page - Vishay Siliconix SFH608 Datasheet HTML 5Page - Vishay Siliconix SFH608 Datasheet HTML 6Page - Vishay Siliconix SFH608 Datasheet HTML 7Page - Vishay Siliconix SFH608 Datasheet HTML 8Page - Vishay Siliconix SFH608 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 83664
Rev. 1.4, 26-Oct-04
SFH608
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6.0
V
DC Forward current
IF
50
mA
Surge forward current
t
≤ 10 µsI
FSM
2.5
A
Total power dissipation
Pdiss
70
mW
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter voltage
VCE
55
V
Collector-base voltage
VCBO
55
V
Emitter-base voltage
VEBO
7.0
V
Collector current
IC
50
mA
Surge collector current
tp
≤ 1.0 ms
100
mA
Total power dissipation
Pdiss
150
mW
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage (between
emitter and detector, refer to
climate DIN 40046 part 2
Nov. 74)
t = 1.0 s
VISO
5300
VRMS
Creepage
≥ 7.0
mm
Clearance
≥ 7.0
mm
Comparative tracking index per
DIN IEC 112/VDE 0303, part 1
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature range
Tstg
- 55 to + 150
°C
Operating temperature range
Tamb
- 55 to + 100
°C
Soldering temperature
max. 10 s, dip soldering:
distance to seating plane
≥ 1.5 mm
Tsld
260
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com