Electronic Components Datasheet Search
  English  ▼

X  

EGC2015AFB Datasheet(PDF) 56 Page - Eaton All Rights Reserved.

Part # EGC2015AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015AFB Datasheet(HTML) 56 Page - Eaton All Rights Reserved.

Back Button EGC2015AFB Datasheet HTML 52Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 53Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 54Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 55Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 56Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 57Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 58Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 59Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 60Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
V9-T1-56
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
Front and Right Side Operation, continued
Note
1 100 kA short-circuit rating.
Ampere Rating
(Frame)
(Fuse Class)
Number
of Poles
Switch
Body Only
Shaft Extensions for
Pistol Handle Only
In (mm)
(Choose One)
NFPA
79 Kit
Auxiliary
Contacts
(Choose One)
S Type Auxiliary
Contacts
(Choose One)
Terminal
Shrouds
30
Compact
(H Frame) (CC)
3
R4H3030FCC
7.90 (200.0)
SF200PH5X5
12.60 (320.0)
SF320PH5X5
15.70 (400.0)
SF400PH5X5
NFPA79H
1 AC
NO
AC1NOR9
1 AC
NC
AC1NCR
—
Integral to switch
30
(H Frame) (CC)
3 + switched neutral
R4H3030FCCSN
30
Compact
(H Frame) (J)
3
R4H3030FJ
30
(H Frame) (J)
3 + switched neutral
R4H3030FJSN
30
(I Frame) (CC)
3
R9I3030FCC
7.90 (200.0)
SF200PH10X10
12.60 (320.0)
SF320PH10X10
15.70 (400.0)
SF400PH10X10
19.70 (500.0)
SF500PH10X10
NFPA79JKL
1 AC
NO + NC
AC1NO1NCJ2N
2 AC
NO + NC
AC2NO2NCJ2N
1 AC
NO + NC
w/ TEST
AC1NO1NCJ2NT
2 AC
NO + NC
w/ TEST
AC2NO2NCJ2NT
4
R9I4030FCC
30
(J Frame) (J)
2
R9J2030FJ
3
R9J3030FJ
4
R9J4030FJ
60 1
(J Frame) (J)
2
R9J2060FJ
3
R9J3060FJ
4
R9J4060FJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com