Electronic Components Datasheet Search
  English  ▼

X  

13APLUGRED Datasheet(PDF) 1 Page - Multicomp Pro

Part # 13APLUGRED
Description  13 A Quick Fit - Main Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

13APLUGRED Datasheet(HTML) 1 Page - Multicomp Pro

  13APLUGRED Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13 A Quick Fit - Main Plugs
Page <1>
30/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Dimensions : Millimetres
Part Number Table
Description
Part Number
Plug Top 13 A Red
13A PLUG RED
Quick Fit Plug 13 A Black
13A BLK
13A BLK
13A PLUG RED


Similar Part No. - 13APLUGRED

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
13A SWITCH-13A Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
logo
Honeywell Solid State E...
13AC1 HONEYWELL-13AC1 Datasheet
116Kb / 2P
Interactive Catalog Replaces Catalog Pages
13AC1 HONEYWELL-13AC1 Datasheet
231Kb / 7P
Interactive Catalog Replaces Catalog Pages
13AC1 HONEYWELL-13AC1 Datasheet
117Kb / 2P
Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
13AC1 HONEYWELL-ACC-13AC1 Datasheet
117Kb / 2P
Interactive Catalog Replaces Catalog Pages
More results

Similar Description - 13APLUGRED

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44281-0001 MOLEX-44281-0001 Datasheet
68Kb / 2P
Mini-Fit??Test Plugs
logo
Richco, Inc.
840620 RICHCO-840620 Datasheet
39Kb / 1P
QUICK FIT FUSE COVERS
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Molex Electronics Ltd.
15040296 MOLEX-15040296 Datasheet
158Kb / 2P
STRAIN RELIEF FOR MINI-FIT PLUGS AND RECEPTACLES
logo
List of Unclassifed Man...
7816 ETC2-7816 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Winchester Electronics ...
RM3W3P-1020 WINCHESTER-RM3W3P-1020 Datasheet
78Kb / 1P
3W3P CONNECTOR WITH PRESS-FIT PLUGS
logo
Littelfuse
00603400 LITTELFUSE-00603400 Datasheet
127Kb / 1P
13-Pole Plastic Body Plugs ??12V ??ISO 11446
logo
Keystone Electronics Co...
4966 KEYSTONE-4966 Datasheet
188Kb / 1P
PC QUICK-FIT TERMINAL
12.29.94
7833 KEYSTONE-7833 Datasheet
102Kb / 1P
.250 [6.35] PC QUICK-FIT HEADER
7.25.95
7832 KEYSTONE-7832 Datasheet
98Kb / 1P
PC QUICK-FIT HEADER
REV, D
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com