Electronic Components Datasheet Search
  English  ▼

X  

MCEPI Datasheet(PDF) 4 Page - Multicomp Pro

Part # MCEPI
Description  Dual In Line Switches - Piano Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCEPI Datasheet(HTML) 4 Page - Multicomp Pro

  MCEPI Datasheet HTML 1Page - Multicomp Pro MCEPI Datasheet HTML 2Page - Multicomp Pro MCEPI Datasheet HTML 3Page - Multicomp Pro MCEPI Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dual In Line Switches - Piano Type
MCEPX-XX-1
MCEPX-XX
PART NO.
REVISIONS
MCEP Series
ECN #
REV
DESCRIPTION
DRAWN
DATE
CHECKD
DATE
APPRVD
DATE
-
1.0
RELEASED
AB
19/01/16
ER
19/01/16
ER
19/01/16
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the
Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any
intellectual property rights is granted. The Information is subject to change without notice and replaces all
data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes
no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of
it. Users of this data sheet should check for themselves the Information and the suitability of the products
for their purpose and not make any assumptions based on information included or omitted. Liability for loss
or damage resulting from any reliance on the Information or use of it (including liability resulting from negli-
gence or where the Group was aware of the possibility of such loss or damage arising) is excluded. This will
not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
TOLERANCES:
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
DRAWN BY:
DATE:
DRAWING TITLE:
AB
19/01/16
CHECKED BY:
DATE:
SIZE
DWG NO.
ELECTRONIC FILE
REV
ER
19/01/16
APPROVED BY:
DATE:
SCALE:
U.O.M.:
SHEET:
ER
19/01/16
www.element14.com
www.farnell.com
www.newark.com
NTS
A4
1.0
4 of 4
mm (inch)
Soldering Process:
Wave soldeing
: Recommended solder temperature at 500°F ( 260°C) maximum of 5 seconds for through hole type
Hand soldering : Use a soldering iron of 30 watts, controlled at 350°C approximately maximum 5 seconds while applying
Reflow soldering : When applying reflow soldering, the peak temperature or the reflow Oven should be set at 260°C max.
Do not wash the switch except top tape sealed type, which suitable for spray cleaning method from top of the s/w
Part Number Table
Description
Number of
Positions
Part Number
Dual In Line Switches
Piano Type
2
MCEPI-02
4
MCEPI-04
6
MCEPI-06
8
MCEPI-08
10
MCEPI-10
2
MCEPM-02
4
MCEPM-04
6
MCEPM-06
8
MCEPM-08
10
MCEPM-10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com