Electronic Components Datasheet Search
  English  ▼

X  

ATTINY412-SF Datasheet(PDF) 1 Page - Microchip Technology

Part # ATTINY412-SF
Description  AVR® Microcontroller with Core Independent Peripherals and picoPower® Technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY412-SF Datasheet(HTML) 1 Page - Microchip Technology

  ATTINY412-SF Datasheet HTML 1Page - Microchip Technology ATTINY412-SF Datasheet HTML 2Page - Microchip Technology ATTINY412-SF Datasheet HTML 3Page - Microchip Technology ATTINY412-SF Datasheet HTML 4Page - Microchip Technology ATTINY412-SF Datasheet HTML 5Page - Microchip Technology ATTINY412-SF Datasheet HTML 6Page - Microchip Technology ATTINY412-SF Datasheet HTML 7Page - Microchip Technology ATTINY412-SF Datasheet HTML 8Page - Microchip Technology ATTINY412-SF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ATtiny417/817
AVR® Microcontroller with Core Independent Peripherals
and picoPower® Technology
Introduction
The ATtiny417/817 microcontrollers are using the high-performance low-power AVR
® RISC architecture,
and is capable of running at up to 20MHz, with up to 4/8KB Flash, 256/512bytes of SRAM and 128bytes
of EEPROM in a 24-pin package. The series uses the latest technologies with a flexible and low power
architecture including Event System and SleepWalking, accurate analog features and advanced
peripherals. Capacitive touch interfaces with driven shield are supported with the integrated QTouch
®
peripheral touch controller.
Features
•
CPU
–
AVR
® 8-bit CPU
–
Running at up to 20MHz
–
Single Cycle I/O Access
–
Two-level Interrupt Controller
–
Two-cycle Hardware Multiplier
•
Memories
–
4/8KB In-system self-programmable Flash Memory
–
128B EEPROM
–
256/512B SRAM
•
System
–
Power-on Reset (POR)
–
Brown-out Detection (BOD)
–
Clock Options:
•
16/20MHz Low Power Internal RC Oscillator
•
32.768kHz Ultra Low Power (ULP) Internal RC Oscillator
•
32.768kHz External Crystal Oscillator
•
External Clock Input
–
Single Pin Unified Program Debug Interface (UPDI)
–
Three Sleep Modes:
•
Idle with All Peripherals Running and Mode for Immediate Wake Up Time
•
Standby
–
Configurable Operation of Selected Peripherals
–
SleepWalking Peripherals
•
Power Down with Wake-up Functionality
© 2017 Microchip Technology Inc.
Datasheet Summary
DS40001934
A-page 1


Similar Part No. - ATTINY412-SF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATTINY412 MICROCHIP-ATTINY412 Datasheet
3Mb / 479P
AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 technology
2017
More results

Similar Description - ATTINY412-SF

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1014 CYMBET-AN-1014 Datasheet
829Kb / 4P
Using the Atmel짰 picoPower AVR Microcontroller with Cymbet EnerChips
logo
Microchip Technology
ATTINY212 MICROCHIP-ATTINY212 Datasheet
3Mb / 479P
AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 technology
2017
ATTINY214 MICROCHIP-ATTINY214 Datasheet
3Mb / 497P
AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
2017
ATTINY417 MICROCHIP-ATTINY417 Datasheet
4Mb / 492P
AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
2017
ATMEGA48A MICROCHIP-ATMEGA48A Datasheet
33Mb / 662P
High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
logo
Cree, Inc
LMH020-0850-40F9-00000TW CREE-LMH020-0850-40F9-00000TW Datasheet
575Kb / 2P
Cree® LMH2 LED Module with TrueWhite® Technology
2011
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
logo
Microchip Technology
AVR64DD32 MICROCHIP-AVR64DD32 Datasheet
7Mb / 614P
AVR® DD Family
Rev. B - 04/2022
AVR32 MICROCHIP-AVR32 Datasheet
9Mb / 603P
AVR® DD Family
Rev. A - 05/2022
AVR32DD20T MICROCHIP-AVR32DD20T Datasheet
9Mb / 603P
AVR® DD Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com