Electronic Components Datasheet Search
  English  ▼

X  

ATTINY412-SSF Datasheet(PDF) 6 Page - Microchip Technology

Part # ATTINY412-SSF
Description  AVR® Microcontroller with Core Independent Peripherals and picoPower® Technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY412-SSF Datasheet(HTML) 6 Page - Microchip Technology

Back Button ATTINY412-SSF Datasheet HTML 2Page - Microchip Technology ATTINY412-SSF Datasheet HTML 3Page - Microchip Technology ATTINY412-SSF Datasheet HTML 4Page - Microchip Technology ATTINY412-SSF Datasheet HTML 5Page - Microchip Technology ATTINY412-SSF Datasheet HTML 6Page - Microchip Technology ATTINY412-SSF Datasheet HTML 7Page - Microchip Technology ATTINY412-SSF Datasheet HTML 8Page - Microchip Technology ATTINY412-SSF Datasheet HTML 9Page - Microchip Technology ATTINY412-SSF Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2.
Ordering Information
2.1
ATtiny417
Table 2-1. ATtiny417 Ordering Codes
Ordering Code(1) Flash Package Type (GPC) Leads Power Supply Operational Range
Carrier Type
ATtiny417-MNR
4KB
VQFN 4x4 (ZHA)
24
1.8V - 5.5V
Industrial (-40°C
+105°C)
Tape & Reel
ATtiny417-MFR
4KB
VQFN 4x4 (ZHA)
24
1.8V - 5.5V
Industrial (-40°C
+125°C)
Tape & Reel
1.
Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances
(RoHS directive). Also Halide free and fully Green.
2.2
ATtiny817
Table 2-2. ATtiny817 Ordering Codes
Ordering Code(1) Flash Package Type (GPC) Leads Power Supply Operational Range
Carrier Type
ATtiny817-MNR
8KB
VQFN 4x4 (ZHA)
24
1.8V - 5.5V
Industrial (-40°C
+105°C)
Tape & Reel
ATtiny817-MFR
8KB
VQFN 4x4 (ZHA)
24
1.8V - 5.5V
Industrial (-40°C
+125°C)
Tape & Reel
Note: 
1.
Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances
(RoHS directive). Also Halide free and fully Green.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Summary
DS40001934A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com