Electronic Components Datasheet Search
  English  ▼

X  

40991160 Datasheet(PDF) 4 Page - Philips Lighting N.V

Part # 40991160
Description  Halogen reflector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPSLIGHTING [Philips Lighting N.V]
Direct Link  https://www.lighting.philips.com/
Logo PHILIPSLIGHTING - Philips Lighting N.V

40991160 Datasheet(HTML) 4 Page - Philips Lighting N.V

  40991160 Datasheet HTML 1Page - Philips Lighting N.V 40991160 Datasheet HTML 2Page - Philips Lighting N.V 40991160 Datasheet HTML 3Page - Philips Lighting N.V 40991160 Datasheet HTML 4Page - Philips Lighting N.V 40991160 Datasheet HTML 5Page - Philips Lighting N.V  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optical & medical equipment
Halogen reflector
Special Lamps
Logistic data (continued)
Product name
Packing type
Packing type description
Packs per outer
box
Packing configuration
14501 150W GX5.3 20V
1CT
1 Carton
24
24
14527 150W GX5.3 21V
1CT
1 Carton
24
24
6423XHP FO 150W GZ6.35 15V
1CT
1 Carton
50
10X5F
6423FO 150W GZ6.35 15V
1CT
1 Carton
50
10X5F
JCR 15V 150W 5H
1CT
1 Carton
24
24
6847 FO 50W GZ6.35 8V
1CT
1 Carton
50
10X5F
13189 50W GX5.3 13.8V
1CT
1 Carton
50
10X5F
13125 50W Special 13.8V
1CT
1 Carton
50
10X5F
13165 35W GZ4 14V
1CT
1 Carton
50
10X5F
14515 FO 75W GX5.3 12V
1CT
1 Carton
50
10X5F
14552 75W GZ4 12V
1CT
1 Carton
50
10X5F
6853 FO 75W GZ6.35 12V
1CT
1 Carton
50
10X5F
13865 75W G5.3/4.8 12V
1CT
1 Carton
50
10X5F
6834FO 100W GZ6.35 12V
1CT
1 Carton
50
10X5F
13122 25W GZ4 13.8V
1CT
1 Carton
50
10X5F
13711 25W GZ4 13.8V
1CT
1 Carton
50
10X5F
13186 90W GX5.3 14.5V
1CT
1 Carton
50
10X5F
13155 30W GX5.3 13.8V
1CT
1 Carton
50
10X5F
13528 15W GZ4 6V
1CT
1 Carton
50
10X5F
13160 80W GX5.3 21V
1CT
1 Carton
24
24
13298 52W GZ4 10V
1CT
1 Carton
50
10X5F
13529 9W GZ4 6V
1CT
1 Carton
50
10X5F
13861 FO 42W GZ6.35 12V
1CT
1 Carton
50
10X5F
13289 50W GX5.3 13.8V
1CT
1 Carton
50
10X5F
13938XHP 50W GX5.3 22.8V
1CT
1 Carton
50
10X5F
6853 75W GZ6.35 12V
1CT
1 Carton
50
10X5F
6834/25H FO 100W GZ6.35 12V
1CT
1 Carton
50
10X5F
6834 100W GZ6.35 12V
1CT
1 Carton
50
10X5F
13117 150W GX5.3 17V
1CT
1 Carton
50
10X5F
13629 150W GX5.3 21V
1CT
1 Carton
24
24
5995 EJM 150W GX5.3 21V
1CT
1 Carton
24
24
6423 150W GZ6.35 15V
1CT
1 Carton
50
10X5F
13164 200W GX5.3 24V
1CT
1 Carton
24
24
13095 250W GY5.3 120V
1CT
1 Carton
24
24
13163 250W GX5.3 24V
1CT
1 Carton
50
10X5F
13631 250W GX5.3 24V
1CT
1 Carton
24
24
13830 250W GY5.3 82V
1CT
1 Carton
24
24
13096 ELH 300W GY5.3 120V
1CT
1 Carton
24
24
14502 300W GX5.3 82V
1CT
1 Carton
24
24
Product name
Quantity per pack
Packing length
Packing width
Packing height
Gross weight per
piece
Net weight per
piece
(mm)
(mm)
(mm)
(g)
(g)
13194 85W GX5.3 13.8V
1
306
241
105
35.72
26.3
13158 150W GX5.3 21V
1
343
115
120
39.00
23.0
14501 150W GX5.3 20V
1
343
115
120
41.00
26.0
14527 150W GX5.3 21V
1
343
115
120
40.00
24.0
6423XHP FO 150W GZ6.35 15V
1
306
241
105
33.00
24.0
6423FO 150W GZ6.35 15V
1
306
241
105
33.00
24.0
JCR 15V 150W 5H
1
343
115
120
40.00
25.0
6847 FO 50W GZ6.35 8V
1
306
241
105
32.22
23.3
13189 50W GX5.3 13.8V
1
306
241
105
35.00
26.0
13125 50W Special 13.8V
1
289
284
145
54.00
41.5
13165 35W GZ4 14V
1
216
216
125
32.00
23600.0
14515 FO 75W GX5.3 12V
1
306
241
105
31.00
25.0
14552 75W GZ4 12V
1
216
216
125
17.90
12.2
6853 FO 75W GZ6.35 12V
1
306
241
105
32.00
23300.0
13865 75W G5.3/4.8 12V
1
216
216
125
18.80
13.1
6834FO 100W GZ6.35 12V
1
306
241
105
29.30
23.3
13122 25W GZ4 13.8V
1
216
216
125
22.30
14.3
13711 25W GZ4 13.8V
1
216
216
125
22.30
14.3
13186 90W GX5.3 14.5V
1
306
241
105
36.00
26.3
13155 30W GX5.3 13.8V
1
306
241
105
36.00
27100.0
13528 15W GZ4 6V
1
216
216
125
23.00
15.0
13160 80W GX5.3 21V
1
343
115
120
41.38
25.0
13298 52W GZ4 10V
1
216
216
125
17.90
12.2
13529 9W GZ4 6V
1
216
216
125
30.00
22.0
13861 FO 42W GZ6.35 12V
1
306
241
105
31.00
25.0
13289 50W GX5.3 13.8V
1
303
106
247
35.00
26.0
13938XHP 50W GX5.3 22.8V
1
306
241
105
32.70
26.7
6853 75W GZ6.35 12V
1
306
241
105
33.00
24000.0
6834/25H FO 100W GZ6.35 12V
1
306
241
105
32.00
23.0
6834 100W GZ6.35 12V
1
303
106
247
33.00
24.0
13117 150W GX5.3 17V
1
306
241
105
35.00
26300.0
More data see next page
Sunday nd March,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com