Electronic Components Datasheet Search
  English  ▼

X  

70060 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 70060
Description  plastic - DIN 6335
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

70060 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  70060 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
plastic - DIN 6335
Palm Grips
Grips
Order No.
Finish
d
1
d
5
d
7
h
3
h
4
t
3
Weight
g
70060.W0220
Brass
20
M_4
10
6
13
6.5
3.3
70060.W0225
Steel
25
M_5
12
8
16
9.5
7.0
70060.W0232
Steel
32
M_6
14
10
20
12.0
12.0
70060.W0240
Steel
40
M_8
18
13
25
14.0
16.0
70060.W0250
Steel
50
M10
22
20
32
18.0
32.0
70060.W0263
Steel
63
M12
26
25
40
22.0
62.0
70060.W0280
Steel
80
M16
35
30
50
30.0
137.0
70060.W1225
Stainless
25
M_5
12
8
16
9.5
7.0
70060.W1232
Stainless
32
M_6
14
10
20
12.0
12.0
70060.W1240
Stainless
40
M_8
18
13
25
14.0
16.0
70060.W1263
Stainless
63
M12
26
25
40
22.0
62.0
70060.W1280
Stainless
80
M16
35
30
50
30.0
137.0
70060
0333 207 4497
sales@wixroyd.com
1
Material
Grip: duroplast PF 31 DIN 7708, black.
Threaded bush: steel, galvanised or stain-
less steel A2.
Temperature range: max 110°C.


Similar Part No. - 70060

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70060 BELDEN-70060 Datasheet
195Kb / 2P
12 PAIR AES/EBU, 24AWG, ISTP, LSZH
12-19-2022
70060.00500 BELDEN-70060.00500 Datasheet
195Kb / 2P
12 PAIR AES/EBU, 24AWG, ISTP, LSZH
12-19-2022
70060CH BELDEN-70060CH Datasheet
196Kb / 3P
12 PAIR AES/EBU, 24AWG, ISTP, LSZH-C
12-19-2022
70060CH.001000 BELDEN-70060CH.001000 Datasheet
196Kb / 3P
12 PAIR AES/EBU, 24AWG, ISTP, LSZH-C
12-19-2022
70060CH.00305 BELDEN-70060CH.00305 Datasheet
196Kb / 3P
12 PAIR AES/EBU, 24AWG, ISTP, LSZH-C
12-19-2022
More results

Similar Description - 70060

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDC2364FBS1 DUBILIER-DBCIDC2364FBS1 Datasheet
106Kb / 1P
DIN 41612 IDC DIN 41612
logo
Delta Electronics, Inc.
DRP012V015W1AZ DELTA-DRP012V015W1AZ Datasheet
992Kb / 2P
CliQ Din Rail Power Supply 12V 15W 1 Phase Plastic
DRP012V030W1AZ DELTA-DRP012V030W1AZ Datasheet
985Kb / 2P
CliQ Din Rail Power Supply 12V 30W 1 Phase Plastic
DRP024V060W1AZ DELTA-DRP024V060W1AZ Datasheet
1Mb / 2P
CliQ Din Rail Power Supply 24V 60W 1 Phase Plastic
logo
Tyco Electronics
PT2S7LB2 MACOM-PT2S7LB2 Datasheet
315Kb / 3P
Relay package consisting of PT relay, DIN-rail socket, plastic
RT3S4LC4 MACOM-RT3S4LC4 Datasheet
252Kb / 3P
Relay package consisting of RT relay, DIN-rail socket, plastic
logo
Dubilier
DBCIDC2364FBS1 DUBILIER-DBCIDC2364FBS1_11 Datasheet
193Kb / 1P
DIN 41612 IDC DIN 41612
logo
List of Unclassifed Man...
SDP1-48-100T ETC2-SDP1-48-100T Datasheet
727Kb / 2P
DIN Rail Mounting/Montaje en Riel DIN/Montage du Rail DIN
logo
Skynet Electronic Copyr...
SNP-D249 SKYNET-SNP-D249 Datasheet
333Kb / 4P
Din Rail
SNP-D489 SKYNET-SNP-D489 Datasheet
335Kb / 4P
Din Rail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com