Electronic Components Datasheet Search
  English  ▼

X  

70080 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 70080
Description  with grub screw
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

70080 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  70080 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
with grub screw
Palm Grips
Grips
Order No.
Material
d
1
d
2
d
7
h
3
h
4
l
1
Weight
g
70080.W0051
Steel
25
M 5
12
8
16
10
6.7
70080.W0052
Steel
25
M 5
12
8
16
15
7.3
70080.W0053
Steel
25
M 5
12
8
16
20
7.5
70080.W0054
Steel
25
M 5
12
8
16
25
8.1
70080.W0055
Steel
25
M 5
12
8
16
30
8.9
70080.W0061
Steel
32
M 6
14
10
20
15
11.0
70080.W0062
Steel
32
M 6
14
10
20
20
12.0
70080.W0063
Steel
32
M 6
14
10
20
25
15.0
70080.W0064
Steel
32
M 6
14
10
20
30
16.0
70080.W0065
Steel
32
M 6
14
10
20
40
16.0
70080.W0081
Steel
40
M 8
18
13
25
20
24.0
70080.W0082
Steel
40
M 8
18
13
25
25
25.0
70080.W0083
Steel
40
M 8
18
13
25
30
26.0
70080.W0084
Steel
40
M 8
18
13
25
40
30.0
70080.W0085
Steel
40
M 8
18
13
25
50
32.0
70080.W0101
Steel
50
M10
22
20
32
25
41.0
70080.W0102
Steel
50
M10
22
20
32
30
48.0
70080.W0103
Steel
50
M10
22
20
32
40
51.0
70080.W0104
Steel
50
M10
22
20
32
50
56.0
70080.W0105
Steel
50
M10
22
20
32
60
69.0
70080.W0121
Steel
63
M12
26
25
40
30
86.0
70080.W0122
Steel
63
M12
26
25
40
40
93.0
70080.W0123
Steel
63
M12
26
25
40
50
99.0
70080.W0124
Steel
63
M12
26
25
40
60
105.0
70080.W0125
Steel
63
M12
26
25
40
80
112.0
70080.W0161
Steel
80
M16
35
30
50
40
198.0
70080.W0162
Steel
80
M16
35
30
50
50
175.0
70080.W0163
Steel
80
M16
35
30
50
60
219.0
70080.W0164
Steel
80
M16
35
30
50
80
251.0
70080
0333 207 4497
sales@wixroyd.com
1
Material
Duroplast PF 31, black.
Grub screw: steel, galvanised or stainless
steel A2.
Technical Notes
Produced to DIN 7708.
Special designs e.g. different lengths or
grub screws in brass, or stainless steel can
be made to order depending on quantity.
Temperature range up to 110°C.


Similar Part No. - 70080

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70080 BELDEN-70080 Datasheet
152Kb / 2P
70080 - 75 Ohm SDI Coax, Mini RG-59, 22 AWG Solid BC, Foil 80% TC Braid, PVC Jkt
03-30-2023
70080.00500 BELDEN-70080.00500 Datasheet
152Kb / 2P
70080 - 75 Ohm SDI Coax, Mini RG-59, 22 AWG Solid BC, Foil 80% TC Braid, PVC Jkt
03-30-2023
70080.04500 BELDEN-70080.04500 Datasheet
152Kb / 2P
70080 - 75 Ohm SDI Coax, Mini RG-59, 22 AWG Solid BC, Foil 80% TC Braid, PVC Jkt
03-30-2023
logo
ledxon GmbH
7008060 LEDXON-7008060 Datasheet
109Kb / 5P
Recessed spotlight, 9W 960lm CRI80 4000K 40° white
7008061 LEDXON-7008061 Datasheet
114Kb / 5P
Recessed spotlight, 9W 960lm CRI80 4000K 40° Chrom
More results

Similar Description - 70080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7794 ETC2-7794 Datasheet
280Kb / 1P
PC METRIC SCREW TERMINAL WITH SCREW
logo
TDK Electronics
B43733 TDK-B43733_15 Datasheet
695Kb / 25P
Capacitors with screw terminals
B43703 TDK-B43703_15 Datasheet
664Kb / 21P
Capacitors with screw terminals
B43704 TDK-B43704_15 Datasheet
678Kb / 23P
Capacitors with screw terminals
B43704 TDK-B43704_16 Datasheet
688Kb / 23P
Capacitors with screw terminals
B43713 TDK-B43713_16 Datasheet
700Kb / 25P
Capacitors with screw terminals
logo
HARTING Technology Grou...
09-00-000-5603 HARTING-09-00-000-5603 Datasheet
529Kb / 2P
Screw adapter with fixing screw
2021-10-01
logo
TDK Electronics
B41456B5220M600 TDK-B41456B5220M600 Datasheet
51Kb / 1P
Capacitors with Screw Terminals
B41456B5689M600 TDK-B41456B5689M600 Datasheet
51Kb / 1P
Capacitors with Screw Terminals
B41456B7100M603 TDK-B41456B7100M603 Datasheet
52Kb / 2P
Capacitors with Screw Terminals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com