Electronic Components Datasheet Search
  English  ▼

X  

TMP236 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP236
Description  TMP23x Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP236 Datasheet(HTML) 5 Page - Texas Instruments

  TMP236 Datasheet HTML 1Page - Texas Instruments TMP236 Datasheet HTML 2Page - Texas Instruments TMP236 Datasheet HTML 3Page - Texas Instruments TMP236 Datasheet HTML 4Page - Texas Instruments TMP236 Datasheet HTML 5Page - Texas Instruments TMP236 Datasheet HTML 6Page - Texas Instruments TMP236 Datasheet HTML 7Page - Texas Instruments TMP236 Datasheet HTML 8Page - Texas Instruments TMP236 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
TMP235, TMP236
www.ti.com
SBOS857E – SEPTEMBER 2017 – REVISED MAY 2019
Product Folder Links: TMP235 TMP236
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
Accuracy is defined as the error between the measured and reference output voltages, tabulated in the TMP235 Transfer
Tableand TMP236 Transfer Table at the specified conditions of supply voltage and temperature (expressed in °C). Accuracy limits
include line regulation within the specified conditions. Accuracy limits do not include load regulation; they assume no DC load.
6.5 Electrical Characteristics
TMP235: VDD = 2.3 V to 5.5 V, GND = Ground, TA = –40°C to +125°C and no load (unless otherwise noted)
TMP236: VDD = 3.1 V to 5.5 V, GND = Ground, TA = –10°C to +125°C and no load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IDD
Operating current
TA = 25℃, VDD = 2.3 V, TMP235
9
µA
TA = 25℃, VDD = 3.1 V, TMP236
10
TA = –40℃ to +125℃, TMP235
14.5
TA = –10℃ to +125℃, TMP236
15
TA = 150℃, TMP235
17
Δ℃/
ΔVDD
Line regulation
–0.1
0.02
0.1
℃/V
SENSOR ACCURACY
TACY
Temperature accuracy (1)
TA = 25°C
±0.5
℃
TA = 0°C to 70°C (SC70 Package)
–1
±0.5
+1
TA = 0°C to +70°C (SOT-23 Package)
–1.2
±0.5
+1.2
TA = –40°C to +125°C (TMP235A2)
–2
±0.5
+2
TA = –10°C to +125°C (TMP236A2)
–2
±0.5
+2
TA = –40°C to +150°C (TMP235A2)
–2
±0.5
+2
Accuracy
Level 4
(A4)
TA = 25°C
±1
TA = 0°C to 70°C
–2
±1
+2
TA = –40°C to +125°C (TMP235A4)
–4
±1
+4
TA = –10°C to +125°C (TMP236A4)
–4
±1
+4
TA = –40°C to +150°C (TMP235A4)
–5
±1
+5
SENSOR OUTPUT
V0℃
Output voltage offset at 0 °C
TMP235
500
mV
TMP236
400
TC
Temperature coefficient (sensor gain)
TMP235
10
mV/
℃
TMP236
19.5
VONL
Output nonlinearity(1)
TA = 0 °C to 70 °C, no load
±0.5
℃
IOUT
Output current
500
μA
ZOUT
Output impedance
IOUT = 100 μA, f = 100 Hz
20
Ω
IOUT = 100 μA, f = 500 Hz
50
Output load regulation
TA = 0°C to 70°C, IOUT = 100 μA,
ΔVOUT / ΔIOUT
1
Ω
tON
Turn on time
Time to reach accuracy within ±0.5°C
800
μs
CLOAD
Typical load capacitance
1000
pF
tRES
Thermal response to 63%
SC70
30°C (Air) to +125°C (Fluid Bath)
1.3
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com