Electronic Components Datasheet Search
  English  ▼

X  

TMP390A2DRLR Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP390A2DRLR
Description  TMP390 Ultra-Small, Dual-Channel (Hot and Cold Trip), 0.5-μA, Resistor- Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390A2DRLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP390A2DRLR Datasheet HTML 3Page - Texas Instruments TMP390A2DRLR Datasheet HTML 4Page - Texas Instruments TMP390A2DRLR Datasheet HTML 5Page - Texas Instruments TMP390A2DRLR Datasheet HTML 6Page - Texas Instruments TMP390A2DRLR Datasheet HTML 7Page - Texas Instruments TMP390A2DRLR Datasheet HTML 8Page - Texas Instruments TMP390A2DRLR Datasheet HTML 9Page - Texas Instruments TMP390A2DRLR Datasheet HTML 10Page - Texas Instruments TMP390A2DRLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7 Detailed Description
7.1 Overview
The TMP390 ultra-low power, dual channel, resistor programmable temperature switches enable detection
and protection of system thermal events over a wide temperature range. The TMP390 offers independent
overtemperature (hot) and undertemperature (cold) detection. The trip temperatures and hysteresis options
are programmed by two E96-series (1%) standard decade value resistors on the SETA and SETB pins. The
TMP390 can enable a customer board-level manufacturing test through the trip test function that can force the
SETA or SETB pins to logic high to activates the digital outputs.
7.2 Functional Block Diagram
RSETA
RSETB
VDD
VDD or VDDIO
RP
RP
SETA
SETB
OUTB
RSETA and RSETB select trip
thresholds and hysteresis options.
TMP39x
C
OUTA
Figure 7-1. Simplified Schematic
7.3 Feature Description
The TMP390 requires two resistors to set the two trip points and hysteresis, according to Table 7-1 and Table
7-2, for the hot and cold channel device. The output of the TMP390 is open-drain and requires two pullup
resistors. TI recommends to use a pullup voltage supply that does not exceed VDD + 0.3 V. The pullup resistors
used in between the OUTA and OUTB pins and the pullup supply should be greater than 1 kΩ. The device
powers on when the supply voltage goes beyond 1.5 V, and starts sampling the input resistors to set the two
trip points and hysteresis value after power-on. These values will remain the same until the device goes through
a power cycle. After the device sets the trip points and hysteresis level, the device will update the output every
half a second. The conversion time is typically 0.65 ms when the temperature is checked against the trip points
and the outputs are updated. The device remains in standby mode between conversions. If either channel is not
used, the output can be grounded or left floating.
7.3.1 TMP390 Programming Tables
The temperature threshold and hysteresis options for the TMP390 device are programmed using two external
1% E96 standard resistors. The specific resistor value to ground on the SETA input sets the temperature
threshold of channel A. The specific resistor value to ground on the SETB input sets the temperature threshold
of channel B, as well as the hysteresis for both channel A and channel B.
Table 7-1. TMP390 Channel A Threshold Setting
CHANNEL A (HOT)
TRIP TEMPERATURE
(°C)
CHANNEL A NOMINAL 1%
RESISTORS (KΩ)
CHANNEL A (HOT) TRIP
RESET TEMPERATURE (°C) FOR
HYSTERESIS = 5°C
CHANNEL A (HOT) TRIP
RESET TEMPERATURE (°C) FOR
HYSTERESIS = 10°C
30
1.05
25
20
32
1.21
27
22
34
1.40
29
24
www.ti.com
TMP390
SBOS904A – MAY 2019 – REVISED AUGUST 2020
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com