Electronic Components Datasheet Search
  English  ▼

X  

TMP816 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP816
Description  TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP816 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP816 Datasheet HTML 8Page - Texas Instruments TMP816 Datasheet HTML 9Page - Texas Instruments TMP816 Datasheet HTML 10Page - Texas Instruments TMP816 Datasheet HTML 11Page - Texas Instruments TMP816 Datasheet HTML 12Page - Texas Instruments TMP816 Datasheet HTML 13Page - Texas Instruments TMP816 Datasheet HTML 14Page - Texas Instruments TMP816 Datasheet HTML 15Page - Texas Instruments TMP816 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TMP816
SLVS787A – MAY 2009 – REVISED JUNE 2015
www.ti.com
Typical Application (continued)
8.2.1 Design Requirements
For this design example, use the following parameters:
•
Input Voltage: 6 to 16 V
•
VCC capacitor: 1 µF or more
•
H Bridge Top side: P-channel FETs or PNP transistors
•
Bottom side: N-channel FETs
8.2.2 Detailed Design Procedure
Pins:
•
CPWM Capacitor: 100 pF for 25-kHz switching or appropriate.
•
VTH Pin connected to Ground for full-speed or supplied with pulsed input.
•
RMI Pin Pulled high to 6VREG output or external connection if required.
•
ROFF pulled to 6VREG.
•
6VREG connected to Hall Sensor. Hall sensor differential inputs connected to IN+ and IN-.
•
SENSE pin or GND.
•
CT connected to Lock Detection capacitor (0.47 µF or calculated values) or to GND.
•
Drive outputs connected to the Gates of the H bridge switches.
•
Pullup on FG.
Power Supply:
•
Make sure the power supply has set with sufficient current limit at the decided at the motor voltage.
Build the circuit with previously recommended connections at the pins.
Test the motor circuit with hardware connected to it.
8.2.3 Application Curves
Figure 7. Motor Outputs and Phase Current at 100% Duty
Figure 6. Start-up at 12 V
Cycle
12
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com