Electronic Components Datasheet Search
  English  ▼

X  

TMP411AD Datasheet(PDF) 16 Page - Texas Instruments

Part # TMP411AD
Description  TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411AD Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP411AD Datasheet HTML 12Page - Texas Instruments TMP411AD Datasheet HTML 13Page - Texas Instruments TMP411AD Datasheet HTML 14Page - Texas Instruments TMP411AD Datasheet HTML 15Page - Texas Instruments TMP411AD Datasheet HTML 16Page - Texas Instruments TMP411AD Datasheet HTML 17Page - Texas Instruments TMP411AD Datasheet HTML 18Page - Texas Instruments TMP411AD Datasheet HTML 19Page - Texas Instruments TMP411AD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
t(BUF)
SDA
SCL
P
S
S
t(HDSTA)
t(HDDAT)
t(HIGH)
t(SUSTA)
t(SUDAT)
t(LOW)
t(HDSTA)
t(SUSTO)
tR
tF
P
16
TMP411
SBOS383D – DECEMBER 2006 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TMP411
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Programming (continued)
9.5.2 Bus Overview
The TMP411 is SMBus interface-compatible. In SMBus protocol, the device that initiates the transfer is a master,
and the master controls devices known as slaves. The bus must be controlled by a master device that generates
the serial clock (SCL), controls the bus access, and generates the START and STOP conditions.
To address a specific device, a START condition is initiated. START is indicated by pulling the data line (SDA)
from a high to low logic level while the SCL line is high. All slaves on the bus shift are in the slave address byte,
with the last bit indicating if a read or write operation is needed. During the ninth clock pulse, the slave that is
addressed responds to the master by generating an acknowledge bit and pulling the SDA line low.
Data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During data
transfer, the SDA line must remain stable while the SCL is high. A change in the SDA while the SCL is high is
interpreted as a control signal.
Once all data transfers, the master generates a STOP condition. STOP is indicated by pulling the SDA line from
low to high, while the SCL line is high.
9.5.3 Timing Diagrams
The TMP411 is two-wire and SMBus-compatible. Figure 12 to Figure 16 describe the various operations on the
TMP411. Parameters for Figure 12 are defined in the Timing Requirements section. Bus definitions are given
below:
Bus Idle: Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line, from high to low (while the SCL line is high) defines
a START condition. A START condition initiates each data transfer.
Stop Data Transfer: A change in the state of the SDA line from low to high (while the SCL line is high) defines a
STOP condition. A STOP or repeated START condition terminates each data transfer.
Data Transfer: The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the master device. The receiver acknowledges the data transfer.
Acknowledge: Each receiving device (when addressed) is required to generate an acknowledge bit. A device
that acknowledges must pull the SDA line down during the acknowledge clock pulse so the SDA line is stable
and low during the high period of the acknowledge clock pulse. Setup and hold times must be taken into account.
On a master receive, the master signals data transfer termination by generating a not-acknowledge bit
transmitted by the slave.
Figure 12. Two-Wire Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com