Electronic Components Datasheet Search
  English  ▼

X  

XC485CS Datasheet(PDF) 5 Page - Shenzhen Xinluda Information Technology Co., Ltd

Part # XC485CS
Description  The x485 are low-power transceivers for RS-485 and RS422 communication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XINLUDA [Shenzhen Xinluda Information Technology Co., Ltd]
Direct Link  https://www.xinluda.com/en/
Logo XINLUDA - Shenzhen Xinluda Information Technology Co., Ltd

XC485CS Datasheet(HTML) 5 Page - Shenzhen Xinluda Information Technology Co., Ltd

  XC485CS Datasheet HTML 1Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 2Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 3Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 4Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 5Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 6Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 7Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 8Page - Shenzhen Xinluda Information Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
485
TOP VIEW
NOTE: PIN LABELS Y AND Z ON TIMING, TEST, AND WAVEFORM DIAGRAMS REFER TO PINS A AND B WHEN DE IS HIGH.
TYPICAL OPERATING CIRCUIT SHOWN WITH DIP/SO PACKAGE.
1
2
3
4
8
5
VCC
GND
DI
DE
RE
RO
R
D
Rt
Rt
7
6
D
R
DE
RE
DI
RO
A
B
1
2
3
4
8
7
6
5
VCC
B
A
GND
DI
DE
RE
RO
DIP/SO
R
D
1
2
3
4
8
7
6
5
VCC
A
GND
DE
RE
B
RO
µMAX
B
A
DI
485 Pin Configuration and Typical Operating Circuit
TTL IN
tR, tF < 6ns
D
R
100pF
B
100pF
A
RECEIVER
OUT
R = 54Ω
Z
Y
500mV/div
20ns/div
A
B
RO
2V/div
VCC = 5V
TA = +25°C
500mV/div
20ns/div
A
B
RO
2V/div
VCC = 5V
TA = +25°C
Receiver Propagation Delay Test Circuit
485 Receiver tPHL
485 Receiver tPLH
XL485-SS
MSOP8
XL485CS
XD485
RS-485/RS422
SOP8
DIP-8
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com