Electronic Components Datasheet Search
  English  ▼

X  

TPD4S1394DQLR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPD4S1394DQLR
Description  TPD4S1394 Firewire ESD Clamp With Live-Insertion Detection Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S1394DQLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD4S1394DQLR Datasheet HTML 4Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 5Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 6Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 7Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 8Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 9Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 10Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 11Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
-18
-15
-12
-9
-6
-3
0
1.0E+07
1.0E+08
1.0E+09
1.0E+10
Frequency (Hz)
-3.0 dB Frequency = 2.4 GHz
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage Bias (V)
8
TPD4S1394
SLVSA55B – NOVEMBER 2009 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TPD4S1394
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
The data transfer rate of 800 Mbps is well below the bandwidth of the data pins of TPD4S1394. So the parasitics
associated with the ESD cells on these lines do not degrade the signal integrity. 3.3-V power supplies are
commonly available from the board and can be used to power the live insertion detection circuit.
8.2.3 Application Curves
D+, D– Pins
Figure 4. I/O Capacitance vs I/O Voltage
D+, D– Pins
Figure 5. Insertion Loss (S21)
9 Power Supply Recommendations
TI recommends a power supply for VCC is from 3 V to 3.6 V.
10 Layout
10.1 Layout Guidelines
•
The optimum placement is as close to the connector as possible.
–
EMI during an ESD event can couple from the trace being struck to other nearby unprotected traces,
resulting in early system failures.
–
The PCB designer must minimize the possibility of EMI coupling by keeping any unprotected traces away
from the protected traces which are between the TVS and the connector.
•
Route the protected traces as straight as possible.
•
Eliminate any sharp corners on the protected traces between the TVS and the connector by using rounded
corners with the largest radii possible.
–
Electric fields tend to build up on corners, increasing EMI coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com