Electronic Components Datasheet Search
  English  ▼

X  

TPS2102DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2102DBVR
Description  VAUX POWER-DISTRIBUTION SWITCHES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2102DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2102DBVR Datasheet HTML 9Page - Texas Instruments TPS2102DBVR Datasheet HTML 10Page - Texas Instruments TPS2102DBVR Datasheet HTML 11Page - Texas Instruments TPS2102DBVR Datasheet HTML 12Page - Texas Instruments TPS2102DBVR Datasheet HTML 13Page - Texas Instruments TPS2102DBVR Datasheet HTML 14Page - Texas Instruments TPS2102DBVR Datasheet HTML 15Page - Texas Instruments TPS2102DBVR Datasheet HTML 16Page - Texas Instruments TPS2102DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TPS2102, TPS2103
VAUX POWER-DISTRIBUTION SWITCHES
SLVS234A – SEPTEMBER 1999 – REVISED APRIL 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 22
280
240
200
–40
–10
20
50
320
IN1-OUT ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
360
80
110
VI(IN1) = 4 V
VI(IN1) = 3.3 V
VI(IN1) = 2.7 V
TJ – Junction Temperature – °C
Figure 23
2
1.5
1
0.5
–40
–10
20
50
IN2-OUT ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
2.5
80
110
VI(IN2) = 4 V
VI(IN2) = 3.3 V
VI(IN2) = 2.7 V
TJ – Junction Temperature – °C
APPLICATION INFORMATION
EN
IN1
IN2
OUT
GND
3.3 V VAUX
3.3 V VCC
CardBus or System Controller
TPS2102
0.22
µF
0.22
µF
0.1
µF
xx
µF
3.3 V
Figure 24. Typical Application
power-supply considerations
A 0.22-
µF ceramic bypass capacitor between IN and GND, close to the device is recommended. The output
capacitor should be chosen based on the size of the load during the transition of the switch. A 220-
µF capacitor
is recommended for 100 mA loads. Typical output capacitors (xx
µF, shown in Figure 24) required for a given
load can be determined from Figure 16 which shows the output voltage droop when output is switched from IN2
to IN1. The output voltage droop is insignificant when output is switched from IN1 to IN2. Additionally, bypassing
the output with a 0.1-
µF ceramic capacitor improves the immunity of the device to short-circuit transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com