Electronic Components Datasheet Search
  English  ▼

X  

TPS2158 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2158
Description  3.3-VLDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2158 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2158 Datasheet HTML 1Page - Texas Instruments TPS2158 Datasheet HTML 2Page - Texas Instruments TPS2158 Datasheet HTML 3Page - Texas Instruments TPS2158 Datasheet HTML 4Page - Texas Instruments TPS2158 Datasheet HTML 5Page - Texas Instruments TPS2158 Datasheet HTML 6Page - Texas Instruments TPS2158 Datasheet HTML 7Page - Texas Instruments TPS2158 Datasheet HTML 8Page - Texas Instruments TPS2158 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS2148
TPS2158
SLVS373 − AUGUST 2001
4
www.ti.com
electrical characteristics over recommended operating junction-temperature range,
2.9 V
≤ VI(VIN/SWIN1) ≤ 5.5 V, TJ = −40°C to 100°C (unless otherwise noted)
timing parameters, power switches
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turnon time, OUTx switch, (see Note 1)
CL = 100 µF
RL = 33 Ω
0.5
6
ton
Turnon time, OUTx switch, (see Note 1)
CL = 1 µF
RL = 33 Ω
0.1
3
toff
Turnoff time, OUTx switch (see Note 1)
CL = 100 µF
RL = 33 Ω
5.5
10
ms
toff
Turnoff time, OUTx switch (see Note 1)
CL = 1 µF
RL = 33 Ω
0.05
2
ms
tr
Rise time, OUTx switch (see Note 1)
CL = 100 µF
RL = 33 Ω
0.5
5
tr
Rise time, OUTx switch (see Note 1)
CL = 1 µF
RL = 33 Ω
0.1
2
tf
Fall time, OUTx switch (see Note 1)
CL = 100 µF
RL = 33 Ω
5.5
9
tf
Fall time, OUTx switch (see Note 1)
CL = 1 µF
RL = 33 Ω
0.05
1.2
NOTE 1. Specified by design, not tested in production.
undervoltage lockout at VIN/SWIN1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO Threshold
2.2
2.85
V
Hysteresis (see Note 1)
260
mV
Deglitch (see Note 1)
50
µs
NOTE 1. Specified by design, not tested in production.
undervoltage lockout at switch 2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO Threshold
2.2
2.85
V
Hysteresis (see Note 1)
260
mV
Deglitch (see Note 1)
50
µs
NOTE 1. Specified by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com