Electronic Components Datasheet Search
  English  ▼

X  

TPS2145IPWP Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2145IPWP
Description  3.3-VLDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2145IPWP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2145IPWP Datasheet HTML 9Page - Texas Instruments TPS2145IPWP Datasheet HTML 10Page - Texas Instruments TPS2145IPWP Datasheet HTML 11Page - Texas Instruments TPS2145IPWP Datasheet HTML 12Page - Texas Instruments TPS2145IPWP Datasheet HTML 13Page - Texas Instruments TPS2145IPWP Datasheet HTML 14Page - Texas Instruments TPS2145IPWP Datasheet HTML 15Page - Texas Instruments TPS2145IPWP Datasheet HTML 16Page - Texas Instruments TPS2145IPWP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TPS2148
TPS2158
SLVS373 − AUGUST 2001
13
www.ti.com
APPLICATION INFORMATION
USB
Function
Controller
5-V
Circuitry
3.3 V Circuitry
0.1
µF
10
µF
TPS2148
3.3 V
LDO
1.5 k
Ω
0.1
µF
4.7
µF
D+
D−
GND
5 V
Upstream Data Port
Figure 17. Example of a Peripheral Design With TPS2148
external capacitor requirements on power lines
A ceramic bypass capacitor (0.01-
µF to 0.1-µF) between VIN/SWIN1 and GND, close to the device, is
recommended to improve load transient response and noise rejection.
A bulk capacitor (4.7-
µF ) between VIN/SWIN1 and GND is also recommended, especially if load transients in
the hundreds of milliamps with fast rise times are anticipated.
A 66-
µF bulk capacitor is recommended from OUTx to ground, especially when the output load is heavy. This
precaution helps reduce transients seen on the power rails. Additionally, bypassing the outputs with a 0.1-
µF
ceramic capacitor improves the immunity of the device to short-circuit transients.
LDO output capacitor requirements
Stabilizing the internal control loop requires an output capacitor connected between LDO_OUT and GND. The
minimum recommended capacitance is a 4.7
µF with an ESR value between 200 mΩ and 10 Ω. Solid tantalum
electrolytic, aluminum electrolytic, and multilayer ceramic capacitors are all suitable, provided they meet the
ESR requirements.
overcurrent
A sense FET is used to measure current through the device. Unlike current-sense resistors, sense FETs do not
increase the series resistance of the current path. When an overcurrent condition is detected, the device
maintains a constant output current. Complete shut down occurs only if the fault is present long enough to
activate thermal limiting.
Three possible overload conditions can occur. In the first condition, the output is shorted before the device is
enabled or before VIN has been applied. The TPS2148 and TPS2158 sense the short and immediately switches
to a constant-current output.
In the second condition, the short occurs while the device is enabled. At the instant the short occurs, very high
currents may flow for a very short time before the current-limit circuit can react. After the current-limit circuit has
tripped (reached the overcurrent trip threshold), the device switches into constant-current mode.
In the third condition, the load has been gradually increased beyond the recommended operating current. The
current is permitted to rise until the current-limit threshold is reached or until the thermal limit of the device is
exceeded. The TPS2148 and TPS2158 are capable of delivering current up to the current-limit threshold without
damaging the device. Once the threshold has been reached, the device switches into its constant-current mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com