Electronic Components Datasheet Search
  English  ▼

X  

TPS2149 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS2149
Description  3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2149 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2149 Datasheet HTML 8Page - Texas Instruments TPS2149 Datasheet HTML 9Page - Texas Instruments TPS2149 Datasheet HTML 10Page - Texas Instruments TPS2149 Datasheet HTML 11Page - Texas Instruments TPS2149 Datasheet HTML 12Page - Texas Instruments TPS2149 Datasheet HTML 13Page - Texas Instruments TPS2149 Datasheet HTML 14Page - Texas Instruments TPS2149 Datasheet HTML 15Page - Texas Instruments TPS2149 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TPS2149
TPS2159
SLVS401 − AUGUST 2001
12
www.ti.com
TYPICAL CHARACTERISTICS
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
−40 −25 −10
5
20
35
50
65
UNDERVOLTAGE LOCKOUT
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
Rising
Falling
80
95 110
Figure 16
APPLICATION INFORMATION
external capacitor requirements on power lines
A ceramic bypass capacitor (0.01-
µF to 0.1-µF) between VIN and GND, close to the device, is recommended
to improve load transient response and noise rejection.
A bulk capacitor (4.7-
µF ) between VIN and GND is also recommended, especially if load transients in the
hundreds of milliamps with fast rise times are anticipated.
A 66-
µF bulk capacitor is recommended from OUTx to ground, especially when the output load is heavy. This
precaution helps reduce transients seen on the power rails. Additionally, bypassing the outputs with a 0.1-
µF
ceramic capacitor improves the immunity of the device to short-circuit transients.
LDO output capacitor requirements
Stabilizing the internal control loop requires an output capacitor connected between LDO_OUT and GND. The
minimum recommended capacitance is a 4.7
µF with an ESR value between 200 mΩ and 10 Ω. Solid tantalum
electrolytic, aluminum electrolytic, and multilayer ceramic capacitors are all suitable, provided they meet the
ESR requirements.
overcurrent
A sense FET is used to measure current through the device. Unlike current-sense resistors, sense FETs do not
increase the series resistance of the current path. When an overcurrent condition is detected, the device
maintains a constant output current. Complete shut down occurs only if the fault is present long enough to
activate thermal limiting.
Three possible overload conditions can occur. In the first condition, the output is shorted before the device is
enabled or before VIN has been applied. The TPS2149 and TPS2159 sense the short and immediately switches
to a constant-current output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com