Electronic Components Datasheet Search
  English  ▼

X  

TPS2145IPWP Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2145IPWP
Description  3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2145IPWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2145IPWP Datasheet HTML 4Page - Texas Instruments TPS2145IPWP Datasheet HTML 5Page - Texas Instruments TPS2145IPWP Datasheet HTML 6Page - Texas Instruments TPS2145IPWP Datasheet HTML 7Page - Texas Instruments TPS2145IPWP Datasheet HTML 8Page - Texas Instruments TPS2145IPWP Datasheet HTML 9Page - Texas Instruments TPS2145IPWP Datasheet HTML 10Page - Texas Instruments TPS2145IPWP Datasheet HTML 11Page - Texas Instruments TPS2145IPWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TPS2149
TPS2159
SLVS401 − AUGUST 2001
8
www.ti.com
PARAMETER MEASUREMENT INFORMATION
toff
tpd(off)
ton
tpd(on)
50%
50%
90%
90%
10%
10%
tr
tf
90%
90%
10%
10%
VI(ENx)
VO(OUTx)
VO(OUTx)
TIMING
Figure 1. Timing and Internal Voltage Regulator Transition Waveforms
TYPICAL CHARACTERISTICS
Figure 2
VO(OUT)
(2 V/div)
VI = 5 V
TA = 25°C
CL = 1 µF
RL = 25 Ω
SWITCH TURNON DELAY AND RISE TIME
WITH 1-
µF LOAD
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4.2
t − Time − ms
VI(EN)
(5 V/div)
Figure 3
SWITCH TURNOFF DELAY AND FALL TIME
WITH 1-
µF LOAD
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4.2
t − Time − ms
VO(OUT)
(2 V/div)
VI = 5 V
TA = 25°C
CL = 1 µF
RL = 25 Ω
VI(EN)
(5 V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com