Electronic Components Datasheet Search
  English  ▼

X  

PL135-37 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # PL135-37
Description  Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:3 Osci l lator Fanout Buf fer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL135-37 Datasheet(HTML) 2 Page - Micrel Semiconductor

  PL135-37 Datasheet HTML 1Page - Micrel Semiconductor PL135-37 Datasheet HTML 2Page - Micrel Semiconductor PL135-37 Datasheet HTML 3Page - Micrel Semiconductor PL135-37 Datasheet HTML 4Page - Micrel Semiconductor PL135-37 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PL135-37
Low Power, 1.62V to 3. 63V, 10M Hz to 40M Hz, 1:3 O scillat or Fanout Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/18/11 Page 2
PIN DESCRIPTION
Name
SOP-8L
Type
Description
XIN
1
I
Crystal input
OE
2
I
Output enable input. This pin has internal pull-up resistor. All outputs will be
tri-stated when pulled low.
CLK1
3
O
Output clock
GND
4
P
Ground connection
CLK2
5
O
Output clock
VDD
6
P
Power supply
CLK0
7
O
Output clock
XOUT
8
I
Crystal output
* Note: This pin includes an internal 60KΩ pull up.
LAYOUT RECOMMENDATIONS
The following guidelines are to assist you with a performance optimized PCB design:
Signal Integrity and Termination Considerations
- Keep traces short!
- Trace = Inductor. With a capacitive load this equals
ringing!
- Long trace = Transmission Line. Without proper ter-
mination this will cause reflections (looks like ringing).
- Design long traces as “striplines” or “microstrips” with
defined impedance.
- Match trace at one side to avoid reflections bouncing
back and forth.
Decoupling and Power Supply Considerations
- Place decoupling capacitors as close as possible to
the VDD pin(s) to limit noise from the power supply
- Multiple VDD pins should be decoupled separately
for best performance.
- Addition of a ferrite bead in series with V DD can
help prevent noise from other board sources
- Value of decoupling capacitor is frequency de-
pendant. Typical value to use is 0.1
F.
Typical CMOS termination
Place Series Resistor as close as possible to CMOS output
CMOS Output Buffer
(Typical buffer impedance 20Ω)
To CMOS Input
Series Resistor
Use value to match output buffer impedance to
50Ω trace. Typical value 30Ω
50Ω line
Crystal Tuning Circuit
Series and parallel capacitors used to fine tune the crystal load to the circuit load.
CST – Series Capacitor, used to lower circuit load to match crystal load. Raises frequency offset.
This can be eliminated by using a crystal with a Cload of equal or greater value than the oscillator.
CPT – Parallel Capacitors, Used to raise the circuit load to match the crystal load. Lowers
frequency offset.
Crystal
XIN
1
8
XOUT
Cpt
Cpt
Cst



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com