Electronic Components Datasheet Search
  English  ▼

X  

TPS2020P Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2020P
Description  POWER-DISTRIBUTION SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2020P Datasheet(HTML) 2 Page - Texas Instruments

  TPS2020P Datasheet HTML 1Page - Texas Instruments TPS2020P Datasheet HTML 2Page - Texas Instruments TPS2020P Datasheet HTML 3Page - Texas Instruments TPS2020P Datasheet HTML 4Page - Texas Instruments TPS2020P Datasheet HTML 5Page - Texas Instruments TPS2020P Datasheet HTML 6Page - Texas Instruments TPS2020P Datasheet HTML 7Page - Texas Instruments TPS2020P Datasheet HTML 8Page - Texas Instruments TPS2020P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.ti.com
OUT
OC
IN
EN
GND
Current
Limit
Driver
UVLO
Charge
Pump
CS
Thermal
Sense
Power Switch
†
†Current Sense
TPS2020
,, TPS2021
TPS2022, TPS2023, TPS2024
SLVS175C – DECEMBER 1998 – REVISED SEPTEMBER 2007
Table 1. AVAILABLE OPTIONS
PACKAGED DEVICES
RECOMMENDED MAXIMUM
TYPICAL SHORT-CIRCUIT
TA
ENABLE
CONTINUOUS LOAD
CURRENT LIMIT AT 25
°C
SMALL OUTLINE
PLASTIC DIP
CURRENT (A)
(A)
(D)(1)
(P)
0.2
0.3
TPS2020D
TPS2020P
0.6
0.9
TPS2021D
TPS2021P
–40
°C to 85°C
Active low
1
1.5
TPS2022D
TPS2022P
1.5
2.2
TPS2023D
TPS2023P
2
3
TPS2024D
TPS2024P
(1)
The D package is available taped and reeled. Add an R suffix to device type (e.g., TPS2020DR)
TPS2020 FUNCTIONAL BLOCK DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NAME
D OR P
EN
4
I
Enable input. Logic-low turns on power switch.
GND
1
I
Ground
IN
2, 3
I
Input voltage
OC
5
O
Overcurrent. Logic output, active-low
OUT
6, 7, 8
O
Power-switch output
2
Submit Documentation Feedback
Copyright © 1998–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2020 TPS2021 TPS2022 TPS2023 TPS2024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com