Electronic Components Datasheet Search
  English  ▼

X  

TPS72218DBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS72218DBVT
Description  LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS72218DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS72218DBVT Datasheet HTML 3Page - Texas Instruments TPS72218DBVT Datasheet HTML 4Page - Texas Instruments TPS72218DBVT Datasheet HTML 5Page - Texas Instruments TPS72218DBVT Datasheet HTML 6Page - Texas Instruments TPS72218DBVT Datasheet HTML 7Page - Texas Instruments TPS72218DBVT Datasheet HTML 8Page - Texas Instruments TPS72218DBVT Datasheet HTML 9Page - Texas Instruments TPS72218DBVT Datasheet HTML 10Page - Texas Instruments TPS72218DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TPS72201, TPS72215
TPS72216, TPS72218
SLVS390B – DECEMBER 2001 – REVISED MAY 2002
www.ti.com
7
APPLICATION INFORMATION
The TPS722xx family of low-dropout (LDO) regulators functions with a very low input voltage (>1.8 V). The dropout voltage
is typically 50 mV at full load. Typical quiescent current (ground pin current) is only 85
µA and drops to 1 µA in the shutdown
mode.
DEVICE OPERATION
The TPS722xx family can be operated at low input voltages due to low voltage circuit design techniques and a PMOS pass
element that exhibits low dropout.
A logic low on the enable input, EN, shuts off the output and reduces the supply current to less than 1
µA. EN may be tied
to VIN in applications where the shutdown feature is not used.
Current limiting and thermal protection prevent damage by excessive output current and/or power dissipation. The device
switches into a constant-current mode at approximately 350 mA; further load reduces the output voltage instead of
increasing the output current. The thermal protection shuts the regulator off if the junction temperature rises above 170
°C.
Recovery is automatic when the junction temperature drops approximately 20
°C below the high temperature trip point. The
PMOS pass element includes a back diode that safely conducts reverse current when the input voltage level drops below
the output voltage level.
A typical application circuit is shown in Figure 16.
NC
OUT
1
3
IN
EN
GND
2
4
5
VI
VO
0.1
µF
+
TPS722xx
0.1
µF
Figure 16. Typical Application Circuit
DUAL SUPPLY APPLICATION
In portable, battery-powered electronics, separate power rails for the DSP or microcontroller core voltage (VCORE) and I/O
peripherals (VIO) are usually necessary. The TPS721xx family of LDO linear regulators is ideal for providing V(CORE) for
the DSP or microcontroller. As shown in Figure 17, two AAA batteries provide an input voltage to a boost converter and
the TPS72115 LDO linear regulator. The batteries combine input voltage ranges from 3.0 V down to 1.8 V near the end
of their useful lives. Therefore, a boost converter is necessary to provide the typical 3.3 V needed for VIO, and the TPS72115
linear regulator provides a regulated V(CORE) voltage, which in this example is 1.5 V. Although there is no explicit circuitry
to perform power-up sequencing of first V(CORE) then VIO, the output of the linear regulator reaches its regulated voltage
much faster (<400
µs) than the output of any switching type boost converter due to the inherent slow start up of those types
of converters. Assuming a boost converter with minimum VI of 1.8 V is appropriately chosen, this power supply solution
can be used over the entire life of the two off-the-shelf AAA batteries. Thus, this solution is very efficient and the design
time and overall cost of the solution is minimized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com