Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301MPWPREP.A Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS767D301MPWPREP.A
Description  DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301MPWPREP.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS767D301MPWPREP.A Datasheet HTML 3Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 4Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 5Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 6Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 7Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 8Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 9Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 10Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
18
16
14
12
10
8
6
4
2
0
80
90
100
110
120
130
140
150
Continuous TJ (5C)
TPS767D301-EP
www.ti.com
SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS
Table 3. TABLE OF GRAPHS
FIGURE
vs Output current
3, 4, 5
Output voltage
vs Free-air temperature
6, 7, 8
Ground current
vs Free-air temperature
9, 10
Power-supply ripple rejection
vs Frequency
11
Output spectral noise density
vs Frequency
12
Output impedance
vs Frequency
13
Dropout voltage
vs Free-air temperature
14
Line transient response
15, 17
Load transient response
16, 18
Output voltage
vs Time
19
Dropout voltage
vs Input voltage
20
vs Output current, TA = 25°C
22
vs Output current, TJ = 125°C
23
Equivalent series resistance (ESR)
vs Output Current, TA = 25°C
24
vs Output current, TJ = 125°C
25
Figure 2. TPS767D301MPWPREP Estimated Device Life at
Elevated Temperatures Wirebond Voiding Fail Mode
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS767D301-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com