Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS79101DBVR
Description  TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79101DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS79101DBVR Datasheet HTML 3Page - Texas Instruments TPS79101DBVR Datasheet HTML 4Page - Texas Instruments TPS79101DBVR Datasheet HTML 5Page - Texas Instruments TPS79101DBVR Datasheet HTML 6Page - Texas Instruments TPS79101DBVR Datasheet HTML 7Page - Texas Instruments TPS79101DBVR Datasheet HTML 8Page - Texas Instruments TPS79101DBVR Datasheet HTML 9Page - Texas Instruments TPS79101DBVR Datasheet HTML 10Page - Texas Instruments TPS79101DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
C(BYPASS) – Bypass Capacitance – F
m
0
10
20
30
40
50
60
70
0.001
0.01
0.1
VOUT = 3.3 V
VOUT = 1.8 V
100
1k
10k
100k
CBYPASS= 0.1 F
m
CBYPASS= 0.01 F
m
f – Frequency – Hz
CBYPASS= 0.001 F
m
CBYPASS= 0.0047 F
m
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
100
1k
10k
100k
IOUT = 1 mA
IOUT = 100 mA
f – Frequency – Hz
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
100
1k
10k
100k
IOUT = 1 mA
IOUT = 100 mA
f – Frequency – Hz
100
1k
10k
100k
IOUT = 1 mA
IOUT = 100 mA
f – Frequency – Hz
0
0.05
0.1
0.15
0.2
0.25
100
1k
10k
100k
CBYPASS= 0.1 F
m
CBYPASS= 0.01 F
m
f – Frequency – Hz
CBYPASS= 0.001 F
m
0
0.2
0.4
0.6
0.8
1
1.2
CBYPASS= 0.0047 F
m
7
TPS791
www.ti.com
SLVS325D – MARCH 2001 – REVISED FEBRUARY 2018
Product Folder Links: TPS791
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TJ = 25°C, VIN = VOUT(typ) + 1 V, IOUT = 1 mA, EN = 0 V, COUT = 10 µF, and CBYPASS = 0.01 µF (unless otherwise noted)
VIN = 2.8 V, COUT = 10 µF, CBYPASS = 0.1 µF
Figure 7. TPS79118 Output Spectral Noise Density vs
Frequency
VIN = 2.8 V, IOUT = 100 mA, COUT = 10 µF
Figure 8. TPS79118 Output Spectral Noise Density vs
Frequency
VIN = 4.3 V, COUT = 1 µF, CBYPASS = 0.1 µF
Figure 9. TPS79133 Output Spectral Noise Density vs
Frequency
VIN = 4.3 V, COUT = 10 µF, CBYPASS = 0.1 µF
Figure 10. TPS79133 Output Spectral Noise Density vs
Frequency
VIN = 4.3 V, IOUT = 100 mA, COUT = 10 µF
Figure 11. TPS79133 Output Spectral Noise Density vs
Frequency
BW = 100 Hz to 100 kHz
Figure 12. Root Mean Squared Output Noise vs
Bypass Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com