Electronic Components Datasheet Search
  English  ▼

X  

TPS79133DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS79133DBVR
Description  TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79133DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS79133DBVR Datasheet HTML 9Page - Texas Instruments TPS79133DBVR Datasheet HTML 10Page - Texas Instruments TPS79133DBVR Datasheet HTML 11Page - Texas Instruments TPS79133DBVR Datasheet HTML 12Page - Texas Instruments TPS79133DBVR Datasheet HTML 13Page - Texas Instruments TPS79133DBVR Datasheet HTML 14Page - Texas Instruments TPS79133DBVR Datasheet HTML 15Page - Texas Instruments TPS79133DBVR Datasheet HTML 16Page - Texas Instruments TPS79133DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
7
3 10
R1 R2
C1
R1 R2
u
u
u
OUT
V
R1
1
R2
VREF
§
·
u
¨
¸
©
¹
OUT
R1
V
VREF
1
R2
§
·
u ¨
¸
©
¹
J
A
D
JA
T max
T
P
max
R
T
13
TPS791
www.ti.com
SLVS325D – MARCH 2001 – REVISED FEBRUARY 2018
Product Folder Links: TPS791
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Power Dissipation and Junction Temperature
Specified regulator operation is confirmed at a junction temperature of 125°C; restrict the maximum junction
temperature to 125°C under normal operating conditions. This restriction limits the power dissipation the
regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or
equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
where
•
TJmax is the maximum allowable junction temperature
•
RθJA is the thermal resistance junction-to-ambient for the package (see the Thermal Information table)
•
TA is the ambient temperature
(1)
The regulator dissipation is calculated using:
PD = (VIN – VOUT) × IOUT
(2)
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation triggers the thermal
protection circuit.
7.3.2 Programming the TPS79101 Adjustable Regulator
The output voltage of the TPS79101 adjustable regulator is programmed using an external resistor divider; see
Figure 32. The output voltage is calculated using:
where
•
VREF = 1.2246 V typ (the internal reference voltage)
(3)
Select resistors R1 and R2 for approximately a 50-µA divider current. Lower value resistors can be used for
improved noise performance, but the solution consumes more power. Avoid higher resistor values because
leakage current into or out of FB across R1, R2 creates an offset voltage that artificially increases or decreases
the feedback voltage and thus erroneously decreases or increases VOUT. The recommended design procedure is
to choose R2 = 30.1 k
Ω to set the divider current at 50 µA, C1 = 15 pF for stability, and then calculate R1 using:
(4)
In order to improve the stability of the adjustable version, a small compensation capacitor is suggested to be
placed between OUT and FB. For voltages < 1.8 V, the value of this capacitor must be 100 pF. For voltages >
1.8 V, the approximate value of this capacitor can be calculated as:
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com