Electronic Components Datasheet Search
  English  ▼

X  

TPS799L57 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS799L57
Description  TPS799Lxx 200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS799L57 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS799L57 Datasheet HTML 3Page - Texas Instruments TPS799L57 Datasheet HTML 4Page - Texas Instruments TPS799L57 Datasheet HTML 5Page - Texas Instruments TPS799L57 Datasheet HTML 6Page - Texas Instruments TPS799L57 Datasheet HTML 7Page - Texas Instruments TPS799L57 Datasheet HTML 8Page - Texas Instruments TPS799L57 Datasheet HTML 9Page - Texas Instruments TPS799L57 Datasheet HTML 10Page - Texas Instruments TPS799L57 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 1 mA
IOUT = 100 mA
IOUT = 250 mA
COUT = 10 µF
CNR = 0.01 µF
G004
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 1 mA
IOUT = 100 mA
IOUT = 250 mA
COUT = 10 µF
CNR = 0.01 µF
G005
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 1 mA
IOUT = 100 mA
IOUT = 250 mA
COUT = 2.2 µF
CNR = 0.01 µF
G003
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 1 mA
IOUT = 100 mA
IOUT = 250 mA
COUT = 2.2 µF
CNR = 0.01 µF
G002
TJ (°C)
600
500
400
300
200
100
0
V
EN = 0.4V
V
IN = 6.5V
V
IN = 3.2V
−40 −25
5
35
65
95
50
125
−15
20
80
110
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 1 mA
IOUT = 100 mA
IOUT = 250 mA
COUT = 2.2 µF
CNR = 0.01 µF
G001
TPS799L54, TPS799L57
www.ti.com
SBVS191B – APRIL 2012 – REVISED AUGUST 2014
Typical Characteristics (continued)
Over operating temperature range (TJ= –40°C to 125°C), VIN = VOUT(TYP) + 0.3 V or 2.7 V, whichever is greater; IOUT = 1 mA,
VEN = VIN, COUT = 2.2 μF, and CNR = 0.01μF, unless otherwise noted. Typical values are at TJ = 25°C.
VIN = 6.5 V
Figure 7. Ground Pin Current (Disabled)
Figure 8. Power-Supply Rejection Ratio vs Frequency
vs Junction Temperature
VIN = 6.2 V
VIN = 5.95 V
Figure 9. Power-Supply Rejection Ratio vs Frequency
Figure 10. Power-Supply Rejection Ratio vs Frequency
VIN = 6.5 V
VIN = 6.2 V
Figure 11. Power-Supply Rejection Ratio vs Frequency
Figure 12. Power-Supply Rejection Ratio vs Frequency
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS799L54 TPS799L57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com