Electronic Components Datasheet Search
  English  ▼

X  

800 Datasheet(PDF) 2 Page - Weller Tools

Part # 800
Description  Side cutter - tapered head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

800 Datasheet(HTML) 2 Page - Weller Tools

  800 Datasheet HTML 1Page - Weller Tools 800 Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PROFESSIONAL
Product Information
Technical Data
Length mm
120
Length of cutting edges mm
15
Head width mm
13.5
Head thickness mm
7.2
Head length mm
21
Max. cutting capability – hard
wire mm
---
Weight in oz
2.998
Length of cutting edges Inches
0.590
Head width Inches
0.531
Head thickness Inches
0.284
Head length Inches
0.827
ESD-safe
on
Cut
Flush
Max. cutting capability –
medium hardness mm
Ø 1,0
Max. cutting capability –
copper wire mm
Ø 1,8
Length inches
4.724
Weight in g
85
Erem applications
---
Weller Tools GmbH
Carl-Benz-Straße 2
74354 Besigheim
Germany
Phone: +49 (0) 7143 / 580-0
Fax.:
+49 (0) 7143 / 580-108
Email: info@weller-tools.com
Web:
www.weller-tools.com
CONTACT US



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com